Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKTF6708 Datasheet(PDF) 149 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 149 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 145Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 146Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 147Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 148Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 149Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 150Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 151Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 152Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 153Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 158 page
background image
eKTF6708
8-Bit Microcontroller
IC Product Specification (V1.2) 03.12.2020
 139
(This specification is subject to change without prior notice)
AD Characteristics (Vdd = 5.0V, Vss=0V, Ta=25
C)
Parameter
Symbol
Test Conditions
Type
Unit
Remark
Min.
Typ.
Max.
Operating
Range
Vdd
For 5.5v Fs=100KHz,
Fin=1KHz, For 2.5V
Fs=25KHz, Fin=1KHz
2.5
5.5
V
VREFT
2.5
Vdd
V
Top reference voltage
VREFB
Vss
-
VREFT-
ΔVREF
V
Bottom reference voltage
ΔVREF
2.5
V
Reference Voltage Range
Current
Consumption
Ivdd
VREFT= Vdd=5.5V,
VREFP
=”00” or”01”,
Fs=100kHz, Fin=1kHz
1.4
mA
The ADC top reference
voltage is internal Vdd
Iref
10
uA
Current
Consumption
Ivdd
VREFT= Vdd=5.5V,
SVREFT=”10”,
Fs=100kHz, Fin=1kHz
0.9
mA
The ADC top reference
voltage is external VREF
Iref
0.5
mA
Standby Current
Isb
0.1
uA
Including voltage reference
ZAI
ZAI
10k
ohm
The external impedance of
analog input channel.
SNR
SNR
VREFT= Vdd=5.0V,
Fs=100KHz, Fin=1kHz
70
dBc
Signal-To-Noise Ratio
THD
THD
VREFT= Vdd=5.0V,
Fs=100KHz, Fin=1KHz
-70
dBc
Total Harmonic Distortion
SNDR
SNDR
VREFT= Vdd=5.0V,
Fs=100KHz, Fin=1kHz
68
dBc
Signal-to-Noise & Distortion
Ratio
Worst Harmonic
WH
VREFT= Vdd=5.0V,
Fs=100KHz, Fin=1kHz
-73
dBc
SFDR
SFDR
VREFT= Vdd=5.0v,
Fs=100KHz, Fin=1kHz
73
dBc
Spurious Free Dynamic
Range
Offset Error
OE
VREFT= Vdd=5.0v,
Fs=100K Hz
+/-4
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com