Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKTF6708 Datasheet(PDF) 146 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 146 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 142Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 143Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 144Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 145Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 146Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 147Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 148Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 149Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 150Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 158 page
background image
eKTF6708
8-Bit Microcontroller
136
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
7
Absolute Maximum Ratings
Items
Rating
Temperature under bias
-40
C
to
85
C
Storage temperature
-65
C
to
150
C
Input voltage
Vss-0.3V
to
VDD+0.3V
Output voltage
Vss-0.3V
to
VDD+0.3V
Working Voltage
2.0V
to
5.5V
Working Frequency
DC
to
16 MHz
8
DC Electrical Characteristics
(Ta=25
C, VDD=5.0V5%, VSS=0V)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Fxt
IRC: VDD to 5 V
4 MHz, 8 MHz,
12 MHz, 16 MHz
F
Hz
IRCE
Internal RC oscillator error per stage
±0.5
%
IRC1
IRC:VDD to 5V
RCM1~RCM0=11
4
MHz
IRC2
IRC:VDD to 5V
RCM1~RCM0=10
8
MHz
IRC3
IRC:VDD to 5V
RCM1~RCM0=01
12
MHz
IRC4
IRC:VDD to 5V
RCM1~RCM0=00
16
MHz
IIL
Input Leakage Current for input pins
VIN = VDD, VSS
-1
0
1
A
VIH1
Input High Voltage (Schmitt trigger )
Ports 5, 6, 7
0.7
VDD
VDD
+0.3V
V
VIL1
Input Low Voltage (Schmitt trigger )
Ports 5, 6, 7
-0.3V
0.3
VDD
V
VIHT1
Input High Threshold Voltage (Schmitt trigger )
/RESET
0.7
VDD
VDD
+0.3V
V
VILT1
Input Low Threshold Voltage (Schmitt trigger )
/RESET
-0.3V
0.3
VDD
V
VIHT2
Input High Threshold Voltage (Schmitt trigger )
TCC,INT
0.7
VDD
VDD
+0.3V
V
VILT2
Input Low Threshold Voltage (Schmitt trigger )
TCC,INT
-0.3V
0.3
VDD
V
IOH1
Output High Voltage
(Ports 5, 6, 7)
VOH = VDD-0.1VDD
-7
mA
IOH2
Output High Voltage (high drvie)
(Ports 5, 6, 7)
VOH = VDD-0.1VDD
-12
mA
IOH3
Output High Voltage (high drvie)
(Ports 5, 6, 7)
VOH = VDD-0.3VDD
-28
mA
IOL1
Output Low Voltage
(Ports 5, 6, 7)
VOL = GND+0.1VDD
15
mA
IOL2
Output Low Voltage (high sink)
(Ports 5, 6, 7, 8)
VOL = GND+0.1VDD
30
mA
IOL3
Output Low Voltage (high sink)
(Ports 5, 6, 7, 8)
VOL = GND+0.3VDD
68
mA
IPH
Pull-high current
Pull-high active, input pin at VSS
75
A
IPL
Pull-low current
Pull-low active, input pin
40
A
LVR1
Low voltage reset level
TA = -40~85℃
2.0
2.3
2.6
V
Low voltage release level
2.2
2.5
2.8
V
LVR2
Low voltage reset level
TA = -40~85℃
3.2
3.5
3.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com