Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKTF6708 Datasheet(PDF) 147 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 147 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 143Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 144Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 145Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 146Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 147Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 148Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 149Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 150Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 151Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 158 page
background image
eKTF6708
8-Bit Microcontroller
IC Product Specification (V1.2) 03.12.2020
 137
(This specification is subject to change without prior notice)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Low voltage release level
3.4
3.7
4.0
V
LVR3
Low voltage reset level
TA = -40~85℃
4.0
4.3
4.7
V
Low voltage release level
4.2
4.5
4.9
V
ISB1
Power down current
(Sleep mode)
/RESET= 'High', Fm & Fs off
All input and I/O pins at VDD,
output pin floating, WDT disabled
2
A
ISB2
Power down current
(Sleep mode)
/RESET= 'High', Fm & Fs off
All input and I/O pins at VDD,
output pin floating, WDT enabled
5
A
ISB3
Power down current
(Idle mode)
/RESET= 'High', Fm off,
Fs=32K/16KHz (IRC type)
output pin floating, WDT
disabled,
6
A
ISB4
Power down current
(Idle mode)
/RESET= 'High', Fm off,
Fs=32K/16KHz (IRC type),
output pin floating, WDT enabled
6
A
ICC1
Operating supply current
(Green mode, CPU only)
/RESET= 'High', Fm off,
Fs=32K/16KHz (IRC type),
output pin floating, WDT disabled
15
A
ICC2
Operating supply current
(Green mode, CPU only)
/RESET= 'High', Fm off,
Fs=32K/16KHz (IRC type),
output pin floating, WDT enabled
15
A
NOTE
 The above parameters are theoretical values only and have not been tested or verified.
 Data under the
“Min.”, “Typ.”, and “Max.” columns are based on theoretical results at
25
C. These data are for design reference only and have not been tested or verified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com