Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKTF6708 Datasheet(PDF) 151 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 151 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 147Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 148Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 149Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 150Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 151Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 152Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 153Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 154Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 155Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 158 page
background image
eKTF6708
8-Bit Microcontroller
IC Product Specification (V1.2) 03.12.2020
 141
(This specification is subject to change without prior notice)
Vref(Vdd = 5.0V, Ta=25
C):
symbol
parameter
condition
Min.
Typ.
Max.
Unit
IC
Verify
Teststation
Verify
Vdd
power supply
2.7
5.5
V
Yes
Yes
Ivdd
DC supply
current
Vref=4V,
No load
220
270
uA
Yes
Yes
Ipd
Power down
current
<0.1
uA
Yes
Yes
Tresponse
Response time
Trim bit and
VREF select
setting time
35
50
us
Yes
Yes
warn up
time
time ready for
voltage
reference
15
50
us
Yes
Yes
Vref
Voltage
reference
output
2.028
2.048
2.068
V
Yes
Yes
2.534
2.560
2.586
3.041
3.072
3.103
4.055
4.096
4.137
Vref
Voltage
reference
output
Temp=-40℃~
85℃
Typ.-3%
2.048
Typ.+3%
V
Yes
Yes
Typ.-3%
2.560
Typ.+3%
Typ.-3%
3.072
Typ.+3%
Typ.-3%
4.096
Typ.+3%
Vdd_min
Minimum
power supply
Vref+0.1
Vref+0.2*
V
Yes
Yes
Vref_sensor
Vref for Sensor
GND
V
Yes
Yes
0.1014
0.1024
0.1034
0.2028
0.2048
0.2068
0.4055
0.4096
0.4137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com