Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKTF6708 Datasheet(PDF) 148 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 148 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 144Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 145Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 146Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 147Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 148Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 149Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 150Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 151Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 152Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 158 page
background image
eKTF6708
8-Bit Microcontroller
138
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
9
AC Electrical Characteristics
(eKTF6708 Ta=-40
 ~ 85C, VDD=5.5V, VSS=0V)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Dclk
Input CLK duty cycle
-
45
50
55
%
Tins
Instruction cycle time
RC type
500
-
DC
ns
Ttcc
TCC input period
-
(Tins+20)/N
*
-
-
ns
Tdrh
Device reset hold time
-
11.3
16.2
21.6
ms
Trst
/RESET pulse width
Ta = 25
C
2000
-
-
ns
Twdt
Watchdog timer period
Ta = 25
C
11.3
16.2
21.6
ms
Tset
Input pin setup time
-
-
0
ns
Thold
Input pin hold time
-
15
20
25
ns
Tdelay
Output pin delay time
Cload=20pF
45
50
55
ns
* N: Selected prescaler ratio…
NOTE
 The above parameters are theoretical values only and have not been tested or verified.
 Data under the
“Min.”, “Typ.”, and “Max.” columns are based on theoretical results at
25
C. These data are for design reference only and have not been tested or verified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com