Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDP83TG720SWCSTQ1 Datasheet(PDF) 28 Page - Texas Instruments

Part # PDP83TG720SWCSTQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PDP83TG720SWCSTQ1 Datasheet(HTML) 28 Page - Texas Instruments

Back Button PDP83TG720SWCSTQ1 Datasheet HTML 24Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 25Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 26Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 27Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 28Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 29Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 30Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 31Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 199 page
background image
7.3.1.3.3 Programming Datapath BIST
Following register settings enable different loopbacks, data genaration and data checker procedures :
Table 7-2. Datapath BIST Programming
Loopback
Mode
To enable
loopback
mode
To enable data
generator and
checker : MAC
packets
To check in-
coming MAC
packets status
To enable data
generator and
checker :
PRBS stream
To check in-
coming PRBS
status : PRBS
stream
Other care-
abouts
1
Analog
loopback
•
write :
reg[0x0016
]=0x0008
•
write:
reg[0x0405
]=0x2800
•
write :
reg[0x0619
]=0x1555
•
write :
reg[0x0624
]=0x55BF
•
read :
reg[0x063C]
for (15:0) of
total
received
packets
count.
•
read :
reg[0x063D]
for (31:16)
of total
received
packets
count.
•
read :
reg[0x063E]
for Packets
received
with CRC
errors
•
write :
reg[0x0619
]=0x0557
•
write :
reg[0x0624
]=0x55BF
Step 1 : write :
reg[0x0620](1)
= 1'b1
Step 2 :
•
read :
reg[0x0620]
(7:0) =
Number of
error bytes
received.
•
read :
reg[0x0620]
(8) (1
indicates
PRBS data
is coming in
and checker
is locked)
•
Disconnect
the cable/
link-partner.
•
Generated
data will be
going to
MAC side,
to disable
MAC side :
write
reg[0x0000
]=0x0540
2
Digital loopback •
write :
reg[0x0016]
= 0x0004
•
write :
reg[0x0619
]=0x1555
•
write :
reg[0x0624
]=0x55BF
•
read :
reg[0x063C]
= [15:0] of
total
received
packets
count.
•
read :
reg[0x063D
]= [31:16] of
total
received
packets
count.
•
read :
reg<0x063E
> ->
Packets
received
with CRC
errors
•
write :
reg[0x0619
]=0x0557
•
write :
reg[0x0624
]=0x55BF
Step 1 : write :
reg[0x0620][1]
= 1'b1
Step 2 :
•
read :
reg[0x0620]
[7:0] =
Number of
error bytes
received.
•
read :
reg[0x0620]
[8] (1
indicates
PRBS data
is coming in
and checker
is locked)
•
Generated
data will be
going to Cu
cable side,
to disable
this
transmissio
n : write
reg[0x041F]
= 0x1000
•
Generated
data will be
going to
MAC side,
to disable
MAC side :
write
reg[0x0000
]=0x0540
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
www.ti.com
28
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com