Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDP83TG720SWCSTQ1 Datasheet(PDF) 22 Page - Texas Instruments

Part # PDP83TG720SWCSTQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PDP83TG720SWCSTQ1 Datasheet(HTML) 22 Page - Texas Instruments

Back Button PDP83TG720SWCSTQ1 Datasheet HTML 18Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 19Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 20Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 21Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 22Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 23Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 24Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 25Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 199 page
background image
7.3 Feature Description
7.3.1 Diagnostic Tool Kit
The DP83TG720S-Q1 diagnostic tool kit provides mechanisms for monitoring normal operation, device-level
debugging, system-level debugging, fault detection, and compliance testing. This tool kit includes a built-in self-
test with PRBS data, various loopback modes, Signal Quality Indicator (SQI), Time Domain Reflectometry
(TDR), voltage monitor, temperature monitor, electrostatic discharge monitor, and IEEE 802.3bp test modes.
7.3.1.1 Signal Quality Indicator
When the DP83TG720S-Q1 is active, the Signal Quality Indicator may be used to determine the quality of link
based on SNR readings made by the device. SQI is presented as a eight-level indication based on the
calculated SNR value. Signal quality indication is accessible through the bits [3:1] of register<0x0871>.
SQI is continuously monitored by the DP83TG720S-Q1 to allow for real-time link signal quality status.
7.3.1.2 Time Domain Reflectometry
Time domain reflectometry helps detecting and estimating the location of OPEN and SHORT faults along a
cable.
TDR is activated by setting bit[15] = 'b1 in the register[0x001E]. When TDR diagnostic process gets completed
successfully, Bit[1:0] of register[0x001E] will become 'b10. After this status change, TDR results can be read in
the register of following table.
Table 7-1. TDR Result Registers : 0x030F
Register Bits
Description
[1:0]
•
01 = TDR Activation
•
10 = TDR On
•
00,11 = TDR Not Available
[3:2]
Reserved
[7:4]
•
0011 = Short
•
0110 = Open
•
0101 = Noise
•
0111 = Cable OK
•
1000 = Test in progress; initial value with TDR ON
•
1101 = Test not possible (e.g. noise; active link)
•
Other values are not valid
[13:8]
•
Fault distance = Value in decimal of [13:8]
•
'b111111 = Resolution not possible/out of distance
[15:14]
Reserved
Note
TDR should not be run if the link is already active. Running TDR on active line can make TDR fail and
also can result in disruption of link.
7.3.1.3 Built-In Self-Test For Datapath
The DP83TG720S-Q1 incorporates a data-path’s Built-In-Self-Test (BIST) to check the PHY level and system
level data-paths. BIST has following integrated features which make the system level data transfer tests
(through-put etc) and diagnostics possible without relying on MAC or external data generator hardware/software.
1. Loopback modes
2. Data generator
a. Customizable MAC packets generator.
b. Transmitted packet counter.
c. PRBS stream generator.
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
www.ti.com
22
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com