Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDP83TG720SWCSTQ1 Datasheet(PDF) 36 Page - Texas Instruments

Part # PDP83TG720SWCSTQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PDP83TG720SWCSTQ1 Datasheet(HTML) 36 Page - Texas Instruments

Back Button PDP83TG720SWCSTQ1 Datasheet HTML 32Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 33Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 34Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 35Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 36Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 37Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 38Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 39Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 199 page
background image
TX_CTRL
TX_D3
TX_D2
TX_D1 / TX_P
TX_D0 / TX_M
VDDIO
LED_0 / GPIO_0
MDIO
INH
VDDA
TRD_P
TRD_M
STRAP_1
RX_CTRL
CLKOUT / GPIO_2
DNC
26
25
24
23
22
21
20
19
17
16
15
14
13
12
11
10
8
7
6
5
4
3
2
1
36
35
34
33
32
31
28
29
GND
9
18
27
30
DNC
TX_CLK
Power Management
Module
Enable
GND
VDDIO
VDD1P0
VDDA
Vsleep source = 3.3V;
Always on : Sleep or Functional mode
Enable = 0 -> VDDIO, VDD1P0, VDDA -> Powered
Enable = 1 -> VDDIO, VDD1P0, VDDA -> Powered
Sleep mode -> INH = 0
Out of sleep -> INH = 1 (3.3V)
Figure 7-13. Required Implementation for Sleep Mode
Note
Phy will not go into sleep mode if supply sources are not disabled as per above figure.
7.4.6 State Transitions
7.4.6.1 State Transition #1 - Standby to Normal
Autonomous Operation: The PHY will automatically transition to Normal state upon POR completion.
Managed Operation: The PHY will transition to Normal state out of Standby only after writing register <0x018C>
= 0x001.
7.4.6.2 State Transition #2 - Normal to Standby
The PHY can be forced back into Standby when in Normal state by writing register <0x018C> = 0x0010.
7.4.6.3 State Transition #3 - Normal to Sleep
Sleep state can be entered either locally (pin/register-write) or by remote link-partner.
Local sleep entry for Master mode phy :
• Step 1 : Write bit[7] = 'b1 of register[0x0182].
• Step 2 : Make "wake" pin low.
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
www.ti.com
36
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com