Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDP83TG720SWCSTQ1 Datasheet(PDF) 42 Page - Texas Instruments

Part # PDP83TG720SWCSTQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PDP83TG720SWCSTQ1 Datasheet(HTML) 42 Page - Texas Instruments

Back Button PDP83TG720SWCSTQ1 Datasheet HTML 38Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 39Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 40Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 41Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 42Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 43Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 44Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 45Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 199 page
background image
7.4.9 Serial Management Interface
The Serial Management Interface provides access to the DP83TG720S-Q1 internal register space for status
information and configuration. The SMI is compatible with IEEE 802.3 clause 22. The implemented register set
consists of the registers required by the IEEE 802.3 plus several others to provide additional visibility and
controllability of the DP83TG720S-Q1.
The SMI includes the management clock (MDC) and the management input and output data pin (MDIO). MDC is
sourced by the external management entity, also called Station (STA). MDC is not expected to be continuous,
and can be turned off by the external management entity when the bus is idle.
MDIO is sourced by the external management entity and by the PHY. The data on the MDIO pin is latched on the
rising edge of the MDC. MDIO pin requires a pullup resistor (2.2 KΩ), which pulls MDIO high during IDLE and
turnaround.
Up to 9 DP83TG720S-Q1 PHYs can share a common SMI bus. To distinguish between the PHYs, a 3-bit
address is used. During power-up-reset, the DP83TG720S-Q1 latches the PHY_AD configuration pins to
determine its address.
The management entity must not start an SMI transaction in the first cycle after power-up-reset. To maintain
valid operation, the SMI bus must remain inactive at least one MDC cycle after hard reset is deasserted. In
normal MDIO transactions, the register address is taken directly from the management-frame reg_addr field,
thus allowing direct access to 32 16-bit registers (including those defined in IEEE 802.3 and vendor specific).
The data field is used for both reading and writing. The Start code is indicated by a <01> pattern. This pattern
makes sure that the MDIO line transitions from the default idle line state. Turnaround is defined as an idle bit
time inserted between the Register Address field and the Data field. To avoid contention during a read
transaction, no device may actively drive the MDIO signal during the first bit of turnaround. The addressed
DP83TG720S-Q1 drives the MDIO with a zero for the second bit of turnaround and follows this with the required
data.
For write transactions, the station-management entity writes data to the addressed DP83TG720S-Q1, thus
eliminating the requirement for MDIO Turnaround. The turnaround time is filled by the management entity by
inserting <10>.
Table 7-13. SMI Protocol Structure
SMI PROTOCOL
<idle> <start> <op code> <device address> <reg address> <turnaround> <data> <idle>
Read Operation
<idle><01><10><AAAAA><RRRRR><Z0><XXXX XXXX XXXX XXXX><idle>
Write Operation
<idle><01><01><AAAAA><RRRRR><10><XXXX XXXX XXXX XXXX><idle>
7.4.10 Direct Register Access
Direct register access can be used for the first 31 registers (0x0h through 0x1Fh).
7.4.11 Extended Register Space Access
The DP83TG720S-Q1 SMI function supports read and write access to the extended register set using registers
REGCR (0x000Dh) and ADDAR (0x000Eh) and the MDIO Manageable Device (MMD) indirect method defined in
IEEE 802.3ah Draft for Clause 22 for accessing the Clause 45 extended register set.
REGCR (0x000Dh) is the MDIO Manageable MMD access control. In general, register REGCR[4:0] is the device
address DEVAD that directs any accesses of ADDAR (0x000Eh) register to the appropriate MMD.
The DP83TG720S-Q1 supports 4 MMD device addresses. The 4 MMD register spaces are:
1. DEVAD[4:0] = 11111 (0x1F) is used for IEEE defined registers (0x00 to 0x1F) and vendor specific registers.
This register space is called MMD1F
2. DEVAD[4:0] = 00001 (0x01) is used for 100BASE-T1 PMA MMD register accesses. This register space is
called MMD1.
3. DEVAD[4:0] = 00011 (0x03) is used for vendor specific registers. This register space is called MMD3
4. DEVAD[4:0] = 00111 (0x07) is used for vendor specific registers. This register space is called MMD7
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
www.ti.com
42
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com