Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDP83TG720SWCSTQ1 Datasheet(PDF) 66 Page - Texas Instruments

Part # PDP83TG720SWCSTQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PDP83TG720SWCSTQ1 Datasheet(HTML) 66 Page - Texas Instruments

Back Button PDP83TG720SWCSTQ1 Datasheet HTML 62Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 63Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 64Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 65Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 66Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 67Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 68Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 69Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 199 page
background image
7.6.2.10 MII_REG_16 Register (Address = 0x16) [reset = 0x0]
MII_REG_16 is shown in Table 7-33.
Return to the Summary Table.
Table 7-33. MII_REG_16 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-11
RESERVED
R
5b00000
Reserved
10
prbs_sync_loss
R/W0C
1b0
Prbs lock lost latch status
1b0 = Prbs lock never lost
1b1 = Prbs lock had been lost
9
RESERVED
R
1b0
Reserved
8
core_pwr_mode
R
1b0
1b = Core is is normal power mode 0b = Core is in power down or
sleep mode
1b0 = Core is in power down or sleep mode
1b1 = Core is is normal power mode
7
cfg_dig_pcs_loopback
R/W
1b0
PCS digital loopback
6-0
loopback_mode
R/W
7b0000000
Bits[4:0]: 000001b = PCS loop 000010b = RS loop 000100b = Digital
loop 001000b = Analog loop 010000b = Reverse loop Bit[5] (should
be set only in reverse loop) 1 = Transmit data to MAC in reverse loop
0 = Suppress data to MAC in reverse loop Bit[6] (should be set only
in MII loop) 1 = Transmit data to MDI in MII loop 0 = Suppress data
to MDI in MII loop
7b0000001 = PCS loop
7b0000010 = RS loop
7b0000100 = Digital loop
7b0010000 = Reverse loop
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
www.ti.com
66
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com