Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDP83TG720SWCSTQ1 Datasheet(PDF) 50 Page - Texas Instruments

Part # PDP83TG720SWCSTQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PDP83TG720SWCSTQ1 Datasheet(HTML) 50 Page - Texas Instruments

Back Button PDP83TG720SWCSTQ1 Datasheet HTML 46Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 47Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 48Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 49Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 50Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 51Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 52Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 53Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 199 page
background image
7.5.2 LED Configuration
The DP83TG720S-Q1 supports up to three configurable Light Emitting Diode (LED) pins: LED_0, LED_1, and
LED_2 (CLKOUT). Several functions can be multiplexed onto the LEDs for different modes of operation. LED
operations are selected using registers 0x0450 and 0x0451.
Note
CLKOUT has 25MHz clock output as default and needs to be configured to LED2 using register
0x0453.
Because the LED output pins are also used as strap pins, external components required for strapping and the
user must consider the LED usage to avoid contention. Specifically, when the LED outputs are used to drive
LEDs directly, the active state of each output driver is dependent on the logic level sampled by the
corresponding input upon power up or hardware reset.
Figure 7-20 shows the two proper ways of connecting LEDs directly to the DP83TG720S-Q1.
Strap Pin
RP
Pull-Up
Strap Pin
RP
Pull-Down
VDDIO
D1
RCL
D1
RCL
Figure 7-20. Example Strap Connections
7.5.3 PHY Address Configuration
The DP83TG720S-Q1 can be set to respond to any of 9 possible PHY addresses through bootstrap pins. The
PHY address is latched into the device upon power-up or hardware reset. Each DP83TG720S-Q1 or port
sharing PHY on the serial management bus in the system must have a unique PHY address. The DP83TG720S-
Q1 supports PHY address as described in Table 7-19.
By default, the DP83TG720S-Q1 will latch to a PHY address of 0 ([0000]). This address can be changed by
adding pullup resistors to bootstrap pins found in Table 7-17.
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
www.ti.com
50
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com