Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT6307 Datasheet(PDF) 17 Page - VIA Technologies, Inc.

Part # VT6307
Description  PCI 1394a-2000 Integrated Host Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6307 Datasheet(HTML) 17 Page - VIA Technologies, Inc.

Back Button VT6307 Datasheet HTML 13Page - VIA Technologies, Inc. VT6307 Datasheet HTML 14Page - VIA Technologies, Inc. VT6307 Datasheet HTML 15Page - VIA Technologies, Inc. VT6307 Datasheet HTML 16Page - VIA Technologies, Inc. VT6307 Datasheet HTML 17Page - VIA Technologies, Inc. VT6307 Datasheet HTML 18Page - VIA Technologies, Inc. VT6307 Datasheet HTML 19Page - VIA Technologies, Inc. VT6307 Datasheet HTML 20Page - VIA Technologies, Inc. VT6307 Datasheet HTML 21Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
VT6307 PCI 1394a Host Controller
Revision 1.2 October 1, 2002
-11-
Pinouts
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
1394 PHY Interface
Signal Name
VT6307/L
Pin #
VT6307S
Pin#
I/O
Signal Description
PHYRST#
58
55
I
PHY Reset. Used to reset the PHY logic. This pin can be left unconnected as
there is an internal RC network that creates a 0.5 ms to 2 ms power-on reset
interval. This pin can also be driven by an open-drain type driver.
Configuration Straps
Signal Name
VT6307/L
Pin #
VT6307S
Pin#
I/O
Default
Signal Description
I2CEN
46
43
I
Low
I2C Enable. Default 4-wire EEPROM interface
Pull high to PHY digital power will enable 2-wire I2C
EEPROM interface using SCL/SDA
CARDBUSENA
47
44
I
Low
CardBus Enable. Default PCI mode.
Pull high to PHY digital power will enable CardBus mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com