Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT6307 Datasheet(PDF) 28 Page - VIA Technologies, Inc.

Part # VT6307
Description  PCI 1394a-2000 Integrated Host Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6307 Datasheet(HTML) 28 Page - VIA Technologies, Inc.

Back Button VT6307 Datasheet HTML 24Page - VIA Technologies, Inc. VT6307 Datasheet HTML 25Page - VIA Technologies, Inc. VT6307 Datasheet HTML 26Page - VIA Technologies, Inc. VT6307 Datasheet HTML 27Page - VIA Technologies, Inc. VT6307 Datasheet HTML 28Page - VIA Technologies, Inc. VT6307 Datasheet HTML 29Page - VIA Technologies, Inc. VT6307 Datasheet HTML 30Page - VIA Technologies, Inc. VT6307 Datasheet HTML 31Page - VIA Technologies, Inc. VT6307 Datasheet HTML 32Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
VT6307 PCI 1394a Host Controller
Revision 1.2 October 1, 2002
-22-
Register Descriptions
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
Link Controller Memory-Space Registers
These registers occupy a 2048-byte space in system memory
(offsets 0-7FFh).
This address space begins at the address
contained
in the 1394 Configuration Space “Base Address
Register” (Function 0 Configuration Space Offset 10h).
All registers must be accessed as 32-bit words on 32-bit
boundaries.
Writes to reserved addresses have undefined
results and reads from reserved addresses return indeterminate
data. Unless specified otherwise, all register fields default to 0
and are unchanged after a 1394 bus reset.
Some registers are designated as Set and Clear registers.
These registers are in pairs, where a read of either address will
return the current contents of the register. Data written to the
Set register address is assumed to be a bit mask where one bits
determine which bits should be set. Data written to the Clear
register address is assumed to be a bit mask where one bits
determine which bits should be cleared.
Memory Offset 0 – Version............................................... RO
31-0 Version – OHCI 1.0 Mode .............. reads 0001 0000
Version – OHCI 1.1 Mode .............. reads 0001 0010
Memory Offset 8 – Asynchronous Transmit Retries ..... RW
31-29 Second Limit ........................................................ RO
Count in Seconds (modulo 8).
These bits and the
Cycle Limit bits below define a time limit for retry
attempts when the outbound dual-phase retry protocol
is in use.
28-16 Cycle Limit ......................................................... RO
Count in Cycles (modulo 8000). These bits and the
Second Limit bits above define a time limit for retry
attempts when the outbound dual-phase retry protocol
is in use.
15-12 Reserved
........................................always reads 0
11-8 Max Physical Response Retries ..............default = 0
Specifies how many times to attempt to retry the
transmit operation for the physical response packet
when a “busy” or “ack_type_error” acknowledge is
received from the target node.
This value is used
only for responses to physical requests.
7-4
Max AT Response Retries .......................default = 0
Specifies to the Asynchronous Transmit Response
subsystem how many times to attempt to retry the
transmit operation for the response packet when a
“busy” or “ack_type_error” acknowledge is received
from the target node.
This value is used only for
responses sent by software via the Asynchronous
Transmit Response DMA context.
3-0
Max AT Request Retries ..........................default = 0
Specifies to the Asynchronous Transmit DMA
Request subsystem how many times to attempt to
retry the transmit operation for a packet when a
“busy” or “ack_type_error” acknowledge is received
from the target node.
This value is used only for
responses sent by software via the Asynchronous
Transmit Request DMA context.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com