Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT6307 Datasheet(PDF) 53 Page - VIA Technologies, Inc.

Part # VT6307
Description  PCI 1394a-2000 Integrated Host Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6307 Datasheet(HTML) 53 Page - VIA Technologies, Inc.

Back Button VT6307 Datasheet HTML 46Page - VIA Technologies, Inc. VT6307 Datasheet HTML 47Page - VIA Technologies, Inc. VT6307 Datasheet HTML 48Page - VIA Technologies, Inc. VT6307 Datasheet HTML 49Page - VIA Technologies, Inc. VT6307 Datasheet HTML 50Page - VIA Technologies, Inc. VT6307 Datasheet HTML 51Page - VIA Technologies, Inc. VT6307 Datasheet HTML 52Page - VIA Technologies, Inc. VT6307 Datasheet HTML 53Page - VIA Technologies, Inc. VT6307 Datasheet HTML 54Page - VIA Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 53 / 54 page
background image
VT6307 PCI 1394a Host Controller
Revision 1.2 October 1, 2002
-47-
Package Mechanical Specifications
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
Figure 8. Mechanical Specifications - VT6307L Rectangular 128-Pin LQFP Package
39
64
D
e
65
103
128
38
1
b
D1
L1
DETAIL "F"
L
GAGE PLANE
S
C
SEE DETAIL
"F"
SEATING PLANE
ccc
A
A1
A2
c
CONTROL DIMENSIONS ARE IN MILLIMETERS.
SYMBOL
MILLIMETER
INCH
MIN.
NOM.
MAX.
MAX.
MIN.
NOM.
A
A1
A2
D
D1
E
E1
R2
R1
c
L
L1
S
b
e
aaa
bbb
ccc
ddd
D2
E2
TOLERANCES OF FORM AND POSITION
22.00 BASIC
20.00 BASIC
16.00 BASIC
14.00 BASIC
0.866 BASIC
0.787 BASIC
0.630 BASIC
0.551 BASIC
0.05
1.35
1.40
1.60
0.15
1.45
0
0
11
11
3.5
12
12
7
13
13
0.08
0.08
0.20
0.003
0.003
0.008
0
0
11
11
3.5
12
12
7
13
13
0.063
0.006
0.057
0.055
0.002
0.053
0.20
0.20
0.08
0.08
0.008
0.008
0.003
0.003
0.50 BASIC
18.50
12.50
0.020 BASIC
0.728
0.492
1.00 REF
0.039 REF
0.09
0.45
0.20
0.17
0.60
0.20
0.20
0.75
0.27
0.004
0.018
0.008
0.007
0.024
0.008
0.008
0.030
0.011
0
-
02
-
03
-
01
-
R1
R2
0
-
01
-
NOTES :
1.
2.
DIMENSIONS D1 AND E1 DO NOT INCLUDE
MOLD PROTRUSION. ALLOWABLE
PROTRUSION IS 0.25 mm PER SIDE. D1
AND E1 ARE MAXIMUM PLASTIC BODY SIZE
DIMENSIONS INCLUDING MOLD MISMATCH.
DIMENSION b DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL NOT CAUSE THE LEAD
WIDTH TO EXCEED THE MAXIMUM b
DIMENSION BY MORE THAN 0.08mm.
DAMBAR CAN NOT BE LOCATED ON THE
LOWER RADIUS OR THE FOOT. MINIMUM
SPACE BETWEEN PROTRUSION AND AN
ADJACENT LEAD IS 0.07mm.
D2
-D-
-A-
-B-
03
-
02
-
0.25 mm
-C-
aaa C A-B D
4X
bbb H A-B D
4X
ddd M C A-B s D s
VT6307L
YYWWVV
TAIWAN
LLRLLLLLL
© M
Y = Date Code Year
W = Date Code Week
V = Chip Version
R = Revision Code
L = Lot Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com