| Electronic Components Datasheet Search |
|
VT6307 Datasheet(PDF) 9 Page - VIA Technologies, Inc. |
|
|
|||||||||||||||||||||||||||||
VT6307 Datasheet(HTML) 9 Page - VIA Technologies, Inc. |
|
9 / 54 page ![]() VT6307 PCI 1394a Host Controller Revision 1.2 October 1, 2002 -3- Overview Technologies, Inc. We Connect We Connect We Connect We Connect OVERVIEW The VT6307 IEEE 1394 OHCI Host Controller provides high performance serial connectivity. It implements the Link and Phy layers for IEEE 1394-1995 High Performance Serial Bus specification release 1.0 and 1394a-2000. It is compliant with 1394 Open HCI 1.0 and 1.1 with DMA engine support for high performance data transfer via a 32-bit bus master PCI host bus interface. The VT6307 supports 100, 200 and 400 Mbit/sec transmission via an integrated 2-port PHY. The VT6307 services two types of data packets: asynchronous and isochronous (real time). The 1394 link core performs arbitration requesting, packet generation and checking, and bus cycle master operations. It also has root node capability and performs retry operations. The VT6307 is ready to provide industry-standard IEEE 1394 peripheral connections for desktop and mobile PC platforms. Support for the VT6307 is built into Microsoft Windows 98, Windows ME, Windows 2000, and Windows XP. PCI 2.2 Host Interface DMA Tx/Rx FIFO Iso/Asy SWAP CRC Checker Cycle Monitor Cycle Timer CRC Generator 2-Port PHY Figure 1. Chip Internal Block Diagram |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |