Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT6307 Datasheet(PDF) 52 Page - VIA Technologies, Inc.

Part # VT6307
Description  PCI 1394a-2000 Integrated Host Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6307 Datasheet(HTML) 52 Page - VIA Technologies, Inc.

Back Button VT6307 Datasheet HTML 46Page - VIA Technologies, Inc. VT6307 Datasheet HTML 47Page - VIA Technologies, Inc. VT6307 Datasheet HTML 48Page - VIA Technologies, Inc. VT6307 Datasheet HTML 49Page - VIA Technologies, Inc. VT6307 Datasheet HTML 50Page - VIA Technologies, Inc. VT6307 Datasheet HTML 51Page - VIA Technologies, Inc. VT6307 Datasheet HTML 52Page - VIA Technologies, Inc. VT6307 Datasheet HTML 53Page - VIA Technologies, Inc. VT6307 Datasheet HTML 54Page - VIA Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
VT6307 PCI 1394a Host Controller
Revision 1.2 October 1, 2002
-46-
Package Mechanical Specifications
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
PACKAGE MECHANICAL SPECIFICATIONS
39
64
D
e
65
103
128
38
1
b
D1
L1
DETAIL "F"
L
GAGE PLANE
S
C
SEE
DETAIL "F"
SEATING PLANE
ccc
A
A1
A2
c
CONTROL DIMENSIONS ARE IN MILLIMETERS.
SY MBOL
MILLIMETER
INCH
MIN.
NOM. MAX.
MAX.
MIN.
NOM.
A
A1
A2
D
D1
E
E1
R2
R1
c
L
L1
S
b
e
aaa
bbb
ccc
ddd
D2
E2
TOLERANCES OF FORM AND POSITION
23.20 BASIC
20.00 BASIC
17.20 BASIC
14.00 BASIC
0.913 BASIC
0.787 BASIC
0.677 BASIC
0.551 BASIC
0.25
2.50
2.72
3.40
2.90
0
0
15 REF
15 REF
7
0.13
0.13
0.005
0.005
0
0
15 REF
15 REF
7
0.134
0.114
0.107
0.010
0.098
0.20
0.20
0.08
0.08
0.008
0.008
0.003
0.003
0.50 BASIC
18.50 BASIC
12.50 BASIC
0.020 BASIC
0.728 BASIC
0.492 BASIC
1.60 REF
0.063 REF
0.11
0.73
0.20
0.17
0.88
0.20
0.23
1.03
0.27
0.004
0.029
0.008
0.007
0.035
0.008
0.009
0.041
0.011
0-
02
-
03
-
01
-
R1
R2
0-
01
-
NOTES :
1.
2.
DIMENSIONS D1 AND E1 DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS 0.25
mm PER SIDE. D1 AND E1 ARE MAXIMUM
PLASTIC BODY SIZE DIMENSIONS INCLUDING
MOLD MISMATCH.
DIMENSION b DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL NOT CAUSE THE LEAD
WIDTH TO EXCEED THE MAXIMUM b DIMENSION
BY MORE THAN 0.08mm. DAMBAR CAN NOT BE
LOCATED ON THE LOWER RADIUS OR THE FOOT.
MINIMUM SPACE BETWEEN PROTRUSION AND
AN ADJACENT LEAD IS 0.07mm.
D2
-D-
-A-
-B-
03
-
02
-
0.25 mm
-C-
aaa C A-B D
4X
bbb H A-B D
4X
ddd M C A-B s D s
0.30
0.012
0.15
0.006
Figure 7. Mechanical Specifications – VT6307 Rectangular 128-Pin PQFP Package
VT6307
YYWWVV
TAIWAN
LLRLLLLLL
© M
Y = Date Code Year
W = Date Code Week
V = Chip Version
R = Revision Code
L = Lot Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com