Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCMD3140 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # PCMD3140
Description  PCMD3140 Quad-Channel, PDM Input to TDM or I2S Output Converter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCMD3140 Datasheet(HTML) 32 Page - Texas Instruments

Back Button PCMD3140 Datasheet HTML 28Page - Texas Instruments PCMD3140 Datasheet HTML 29Page - Texas Instruments PCMD3140 Datasheet HTML 30Page - Texas Instruments PCMD3140 Datasheet HTML 31Page - Texas Instruments PCMD3140 Datasheet HTML 32Page - Texas Instruments PCMD3140 Datasheet HTML 33Page - Texas Instruments PCMD3140 Datasheet HTML 34Page - Texas Instruments PCMD3140 Datasheet HTML 35Page - Texas Instruments PCMD3140 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 107 page
background image
7.3.6.6 Programmable Channel Summer and Digital Mixer
For applications that require an even higher SNR than that supported for each channel, the device digital
summing mode can be used. In this mode, the digital record data are summed up across the channel with an
equal weightage factor, which helps in reducing the effective record noise. Table 7-17 lists the configuration
settings available for channel summing mode.
Table 7-17. Channel Summing Mode Programmable Settings
P0_R107_D[3:2] : CH_SUM[2:0]
CHANNEL SUMMING MODE FOR INPUT CHANNELS
SNR AND DYNAMIC RANGE
BOOST
00 (default)
Channel summing mode is disabled
Not applicable
01
Output channel 1 = (input channel 1 + input channel 2) / 2
3-dB boost in SNR and dynamic
range
Output channel 2 = (input channel 1 + input channel 2) / 2
Output channel 3 = (input channel 3 + input channel 4) / 2
3-dB boost in SNR and dynamic
range
Output channel 4 = (input channel 3 + input channel 4) / 2
10
Reserved (do not use this setting)
Not applicable
11
Reserved (do not use this setting)
Not applicable
The device additionally supports a fully programmable mixer feature that can mix the various input channels with
their custom programmable scale factor to generate the final output channels. The programmable mixer feature
is available only if CH_SUM[2:0] is set to 2'b00. The mixer function is supported for all 4 input channels. Figure
7-18 shows a block diagram that describes the mixer 1 operation to generate output channel 1. The
programmable coefficients for the mixer operation are located in the Programmable Coefficient Registers: Page
4 section. All mixer coefficients are 32-bit, two’s complement numbers using a 1.31 number format. The value of
0x7FFFFFFF is equivalent to +1 (0-dB gain), the value 0x00000000 is equivalent to mute (zero data), and any
values in between set the mixer attenuation computed using Equation 3. If the MSB is set to '1' then the
attenuation remains the same but the signal phase is inverted.
hex2dec (value) / 231
(3)
Input Channel-1
Processed Data
Input Channel-2
Processed Data
Input Channel-3
Processed Data
Input Channel-4
Processed Data
Attenuated by
MIX1_CH1
factor
Attenuated by
MIX1_CH2
factor
Attenuated by
MIX1_CH3
factor
Attenuated by
MIX1_CH4
factor
+
Output Channel-1
Routed to Bi-Quad
Filter
Figure 7-18. Programmable Digital Mixer Block Diagram
A similar mixer operation is performed by mixer 2, mixer 3, and mixer 4 to generate output channel 2, channel 3,
and channel 4, respectively.
PCMD3140
SBASA64 – DECEMBER 2020
www.ti.com
32
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: PCMD3140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com