Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCMD3140 Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # PCMD3140
Description  PCMD3140 Quad-Channel, PDM Input to TDM or I2S Output Converter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCMD3140 Datasheet(HTML) 72 Page - Texas Instruments

Back Button PCMD3140 Datasheet HTML 68Page - Texas Instruments PCMD3140 Datasheet HTML 69Page - Texas Instruments PCMD3140 Datasheet HTML 70Page - Texas Instruments PCMD3140 Datasheet HTML 71Page - Texas Instruments PCMD3140 Datasheet HTML 72Page - Texas Instruments PCMD3140 Datasheet HTML 73Page - Texas Instruments PCMD3140 Datasheet HTML 74Page - Texas Instruments PCMD3140 Datasheet HTML 75Page - Texas Instruments PCMD3140 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 107 page
background image
Figure 7-96. BIAS_CFG Register (continued)
RESERVED
MBIAS_VAL[2:0]
RESERVED
ADC_FSCALE[1:0]
R-0b
R/W-000b
R-00b
R/W-00b
Table 7-73. BIAS_CFG Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R
0b
Reserved bit; Write only reset value
6-4
MBIAS_VAL[2:0]
R/W
000b
MICBIAS value.
0d = Microphone bias is set to VREF (2.750 V, 2.500 V, or 1.375 V)
1d = Microphone bias is set to VREF x 1.096 (3.014 V, 2.740 V, or
1.507 V)
2d = Microphone bias is set to VCM = IN1M, for ADC single-ended
configuration
3d = Microphone bias is set to VCM = IN2M, for ADC single-ended
configuration
4d = Microphone bias is set to VCM = average of IN1M and IN2M,
for ADC single-ended configuration
5d = Microphone bias is set to VCM = internal crude common mode
6d = Microphone bias is set to AVDD
7d = MICBIAS configured as GPI2
3-2
RESERVED
R
00b
Reserved bits; Write only reset value
1-0
ADC_FSCALE[1:0]
R/W
00b
ADC full-scale setting (configure this setting based on the AVDD
supply minimum voltage used).
0d = VREF is set to 2.75 V to support 2 VRMS for the differential input
or 1 VRMS for the single-ended input
1d = VREF is set to 2.5 V to support 1.818 VRMS for the differential
input or 0.909 VRMS for the single-ended input
2d = VREF is set to 1.375 V to support 1 VRMS for the differential
input or 0.5 VRMS for the single-ended input
3d = Reserved; Don't use
7.6.1.30 CH1_CFG0 Register (Address = 0x3C) [Reset = 0x0]
CH1_CFG0 is shown in Figure 7-97 and described in Table 7-74.
Return to the Table 7-44.
This register is configuration register 0 for channel 1.
Figure 7-97. CH1_CFG0 Register
7
6
5
4
3
2
1
0
CH1_INTYP
CH1_INSRC[1:0]
CH1_DC
CH1_IMP[1:0]
RESERVED
CH1_AGCEN
R/W-0b
R/W-00b
R/W-0b
R/W-00b
R-0b
R/W-0b
Table 7-74. CH1_CFG0 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
CH1_INTYP
R/W
0b
Channel 1 input type.
0d = Microphone input
1d = Line input
6-5
CH1_INSRC[1:0]
R/W
00b
Channel 1 input configuration.
0d = Input Source is not enabled
1d = Analog single-ended input
2d = Digital microphone PDM input (configure the GPO and GPI pins
accordingly for PDMDIN1 and PDMCLK)
3d = Reserved; Don't use
4
CH1_DC
R/W
0b
Channel 1 input coupling (applicable for the analog input).
0d = AC-coupled input
1d = DC-coupled input
PCMD3140
SBASA64 – DECEMBER 2020
www.ti.com
72
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: PCMD3140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com