Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCMD3140 Datasheet(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
Part # PCMD3140
Description  PCMD3140 Quad-Channel, PDM Input to TDM or I2S Output Converter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCMD3140 Datasheet(HTML) 86 Page - Texas Instruments

Back Button PCMD3140 Datasheet HTML 82Page - Texas Instruments PCMD3140 Datasheet HTML 83Page - Texas Instruments PCMD3140 Datasheet HTML 84Page - Texas Instruments PCMD3140 Datasheet HTML 85Page - Texas Instruments PCMD3140 Datasheet HTML 86Page - Texas Instruments PCMD3140 Datasheet HTML 87Page - Texas Instruments PCMD3140 Datasheet HTML 88Page - Texas Instruments PCMD3140 Datasheet HTML 89Page - Texas Instruments PCMD3140 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 107 page
background image
Table 7-98. DEV_STS0 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
5-0
RESERVED
R
000000b
Reserved bits; Write only reset value
7.6.1.55 DEV_STS1 Register (Address = 0x77) [Reset = 0x80]
DEV_STS1 is shown in Figure 7-122 and described in Table 7-99.
Return to the Table 7-44.
This register is the device status value register 1.
Figure 7-122. DEV_STS1 Register
7
6
5
4
3
2
1
0
MODE_STS[2:0]
RESERVED
R-100b
R-00000b
Table 7-99. DEV_STS1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-5
MODE_STS[2:0]
R
100b
Device mode status.
4d = Device is in sleep mode or software shutdown mode
6d = Device is in active mode with all PDM channels turned off
7d = Device is in active mode with at least one PDM channel turned
on
4-0
RESERVED
R
00000b
Reserved bits; Write only reset value
7.6.1.56 I2C_CKSUM Register (Address = 0x7E) [Reset = 0x0]
I2C_CKSUM is shown in Figure 7-123 and described in Table 7-100.
Return to the Table 7-44.
This register returns the I2C transactions checksum value.
Figure 7-123. I2C_CKSUM Register
7
6
5
4
3
2
1
0
I2C_CKSUM[7:0]
R/W-00000000b
Table 7-100. I2C_CKSUM Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
I2C_CKSUM[7:0]
R/W
00000000b
These bits return the I2C transactions checksum value. Writing to this
register resets the checksum to the written value. This register is
updated on writes to other registers on all pages.
7.6.2 Page 1 Registers
Table 7-101 lists the memory-mapped registers for the Page 1 registers. All register offset addresses not listed in
Table 7-101 should be considered as reserved locations and the register contents should not be modified.
Table 7-101. PAGE 1 Registers
Offset
Acronym
Register Name
Section
0h
PAGE_CFG
Device page register
Section 7.6.2.1
1Eh
VAD_CFG1
Voice activity detection configuration register 1
Section 7.6.2.2
1Fh
VAD_CFG2
Voice activity detection configuration register 2
Section 7.6.2.3
PCMD3140
SBASA64 – DECEMBER 2020
www.ti.com
86
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: PCMD3140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com