Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCMD3140 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # PCMD3140
Description  PCMD3140 Quad-Channel, PDM Input to TDM or I2S Output Converter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCMD3140 Datasheet(HTML) 52 Page - Texas Instruments

Back Button PCMD3140 Datasheet HTML 48Page - Texas Instruments PCMD3140 Datasheet HTML 49Page - Texas Instruments PCMD3140 Datasheet HTML 50Page - Texas Instruments PCMD3140 Datasheet HTML 51Page - Texas Instruments PCMD3140 Datasheet HTML 52Page - Texas Instruments PCMD3140 Datasheet HTML 53Page - Texas Instruments PCMD3140 Datasheet HTML 54Page - Texas Instruments PCMD3140 Datasheet HTML 55Page - Texas Instruments PCMD3140 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 107 page
background image
7.5.1.1.2.2 I2C Multiple-Byte Write
As shown in Figure 7-65, a multiple-byte data write transfer is identical to a single-byte data write transfer except
that multiple data bytes are transmitted by the master device to the slave device. After receiving each data byte,
the device responds with an acknowledge bit (ACK). Finally, the master device transmits a stop condition after
the last data-byte write transfer.
Register
Figure 7-65. I2C Multiple-Byte Write Transfer
7.5.1.1.2.3 I2C Single-Byte Read
As shown in Figure 7-66, a single-byte data read transfer begins with the master device transmitting a start
condition followed by the I2C slave address and the read/write bit. For the data read transfer, both a write
followed by a read are done. Initially, a write is done to transfer the address byte of the internal register address
to be read. As a result, the read/write bit is set to 0.
After receiving the slave address and the read/write bit, the device responds with an acknowledge bit (ACK). The
master device then sends the internal register address byte, after which the device issues an acknowledge bit
(ACK). The master device transmits another start condition followed by the slave address and the read/write bit
again. This time, the read/write bit is set to 1, indicating a read transfer. Next, the device transmits the data byte
from the register address being read. After receiving the data byte, the master device transmits a not-
acknowledge (NACK) followed by a stop condition to complete the single-byte data read transfer.
A6
A5
A0 R/W ACK A7
A6
A5
A4
A0 ACK
A6
A5
A0
ACK
Start
Condition
Stop
Condition
Acknowledge
Acknowledge
Acknowledge
I2CDeviceAddressand
Read/WriteBit
Register
DataByte
D7
D6
D1
D0 ACK
I2CDeviceAddressand
Read/WriteBit
Not
Acknowledge
R/W
A1
A1
RepeatStart
Condition
Figure 7-66. I2C Single-Byte Read Transfer
7.5.1.1.2.4 I2C Multiple-Byte Read
As shown in Figure 7-67, a multiple-byte data read transfer is identical to a single-byte data read transfer except
that multiple data bytes are transmitted by the device to the master device. With the exception of the last data
byte, the master device responds with an acknowledge bit after receiving each data byte. After receiving the last
data byte, the master device transmits a not-acknowledge (NACK) followed by a stop condition to complete the
data read transfer.
A6
A0
ACK
Acknowledge
I2CDeviceAddressand
Read/WriteBit
R/W
A6
A0
R/W ACK
A0 ACK
D7
D0
ACK
Start
Condition
Stop
Condition
Acknowledge
Acknowledge
Acknowledge
LastDataByte
ACK
FirstDataByte
RepeatStart
Condition
Not
Acknowledge
I2CDeviceAddressand
Read/WriteBit
Register
OtherDataBytes
A7
A6
A5
D7
D0 ACK
Acknowledge
D7
D0
Figure 7-67. I2C Multiple-Byte Read Transfer
PCMD3140
SBASA64 – DECEMBER 2020
www.ti.com
52
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: PCMD3140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com