Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCMD3140 Datasheet(PDF) 92 Page - Texas Instruments

Click here to check the latest version.
Part # PCMD3140
Description  PCMD3140 Quad-Channel, PDM Input to TDM or I2S Output Converter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCMD3140 Datasheet(HTML) 92 Page - Texas Instruments

Back Button PCMD3140 Datasheet HTML 88Page - Texas Instruments PCMD3140 Datasheet HTML 89Page - Texas Instruments PCMD3140 Datasheet HTML 90Page - Texas Instruments PCMD3140 Datasheet HTML 91Page - Texas Instruments PCMD3140 Datasheet HTML 92Page - Texas Instruments PCMD3140 Datasheet HTML 93Page - Texas Instruments PCMD3140 Datasheet HTML 94Page - Texas Instruments PCMD3140 Datasheet HTML 95Page - Texas Instruments PCMD3140 Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 107 page
background image
7.6.3.2 Programmable Coefficient Registers: Page 3
This register page (shown in Table 7-106) consists of the programmable coefficients for the biquad 7 to biquad
12 filters. To optimize the coefficients register transaction time for page 2, page 3, and page 4, the device also
supports (by default) auto-incremented pages for the I2C writes and reads. After a transaction of register address
0x7F, the device auto increments to the next page at register 0x08 to transact the next coefficient value.
Table 7-106. Page 3 Programmable Coefficient Registers
ADDR
REGISTER
RESET
DESCRIPTION
0x00
PAGE[7:0]
0x00
Device page register
0x08
BQ7_N0_BYT1[7:0]
0x7F
Programmable biquad 7, N0 coefficient byte[31:24]
0x09
BQ7_N0_BYT2[7:0]
0xFF
Programmable biquad 7, N0 coefficient byte[23:16]
0x0A
BQ7_N0_BYT3[7:0]
0xFF
Programmable biquad 7, N0 coefficient byte[15:8]
0x0B
BQ7_N0_BYT4[7:0]
0xFF
Programmable biquad 7, N0 coefficient byte[7:0]
0x0C
BQ7_N1_BYT1[7:0]
0x00
Programmable biquad 7, N1 coefficient byte[31:24]
0x0D
BQ7_N1_BYT2[7:0]
0x00
Programmable biquad 7, N1 coefficient byte[23:16]
0x0E
BQ7_N1_BYT3[7:0]
0x00
Programmable biquad 7, N1 coefficient byte[15:8]
0x0F
BQ7_N1_BYT4[7:0]
0x00
Programmable biquad 7, N1 coefficient byte[7:0]
0x10
BQ7_N2_BYT1[7:0]
0x00
Programmable biquad 7, N2 coefficient byte[31:24]
0x11
BQ7_N2_BYT2[7:0]
0x00
Programmable biquad 7, N2 coefficient byte[23:16]
0x12
BQ7_N2_BYT3[7:0]
0x00
Programmable biquad 7, N2 coefficient byte[15:8]
0x13
BQ7_N2_BYT4[7:0]
0x00
Programmable biquad 7, N2 coefficient byte[7:0]
0x14
BQ7_D1_BYT1[7:0]
0x00
Programmable biquad 7, D1 coefficient byte[31:24]
0x15
BQ7_D1_BYT2[7:0]
0x00
Programmable biquad 7, D1 coefficient byte[23:16]
0x16
BQ7_D1_BYT3[7:0]
0x00
Programmable biquad 7, D1 coefficient byte[15:8]
0x17
BQ7_D1_BYT4[7:0]
0x00
Programmable biquad 7, D1 coefficient byte[7:0]
0x18
BQ7_D2_BYT1[7:0]
0x00
Programmable biquad 7, D2 coefficient byte[31:24]
0x19
BQ7_D2_BYT2[7:0]
0x00
Programmable biquad 7, D2 coefficient byte[23:16]
0x1A
BQ7_D2_BYT3[7:0]
0x00
Programmable biquad 7, D2 coefficient byte[15:8]
0x1B
BQ7_D2_BYT4[7:0]
0x00
Programmable biquad 7, D2 coefficient byte[7:0]
0x1C
BQ8_N0_BYT1[7:0]
0x7F
Programmable biquad 8, N0 coefficient byte[31:24]
0x1D
BQ8_N0_BYT2[7:0]
0xFF
Programmable biquad 8, N0 coefficient byte[23:16]
0x1E
BQ8_N0_BYT3[7:0]
0xFF
Programmable biquad 8, N0 coefficient byte[15:8]
0x1F
BQ8_N0_BYT4[7:0]
0xFF
Programmable biquad 8, N0 coefficient byte[7:0]
0x20
BQ8_N1_BYT1[7:0]
0x00
Programmable biquad 8, N1 coefficient byte[31:24]
0x21
BQ8_N1_BYT2[7:0]
0x00
Programmable biquad 8, N1 coefficient byte[23:16]
0x22
BQ8_N1_BYT3[7:0]
0x00
Programmable biquad 8, N1 coefficient byte[15:8]
0x23
BQ8_N1_BYT4[7:0]
0x00
Programmable biquad 8, N1 coefficient byte[7:0]
0x24
BQ8_N2_BYT1[7:0]
0x00
Programmable biquad 8, N2 coefficient byte[31:24]
0x25
BQ8_N2_BYT2[7:0]
0x00
Programmable biquad 8, N2 coefficient byte[23:16]
0x26
BQ8_N2_BYT3[7:0]
0x00
Programmable biquad 8, N2 coefficient byte[15:8]
0x27
BQ8_N2_BYT4[7:0]
0x00
Programmable biquad 8, N2 coefficient byte[7:0]
0x28
BQ8_D1_BYT1[7:0]
0x00
Programmable biquad 8, D1 coefficient byte[31:24]
0x29
BQ8_D1_BYT2[7:0]
0x00
Programmable biquad 8, D1 coefficient byte[23:16]
0x2A
BQ8_D1_BYT3[7:0]
0x00
Programmable biquad 8, D1 coefficient byte[15:8]
0x2B
BQ8_D1_BYT4[7:0]
0x00
Programmable biquad 8, D1 coefficient byte[7:0]
0x2C
BQ8_D2_BYT1[7:0]
0x00
Programmable biquad 8, D2 coefficient byte[31:24]
0x2D
BQ8_D2_BYT2[7:0]
0x00
Programmable biquad 8, D2 coefficient byte[23:16]
0x2E
BQ8_D2_BYT3[7:0]
0x00
Programmable biquad 8, D2 coefficient byte[15:8]
0x2F
BQ8_D2_BYT4[7:0]
0x00
Programmable biquad 8, D2 coefficient byte[7:0]
0x30
BQ9_N0_BYT1[7:0]
0x7F
Programmable biquad 9, N0 coefficient byte[31:24]
0x31
BQ9_N0_BYT2[7:0]
0xFF
Programmable biquad 9, N0 coefficient byte[23:16]
0x32
BQ9_N0_BYT3[7:0]
0xFF
Programmable biquad 9, N0 coefficient byte[15:8]
PCMD3140
SBASA64 – DECEMBER 2020
www.ti.com
92
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: PCMD3140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com