Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCMD3140 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PCMD3140
Description  PCMD3140 Quad-Channel, PDM Input to TDM or I2S Output Converter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCMD3140 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCMD3140 Datasheet HTML 9Page - Texas Instruments PCMD3140 Datasheet HTML 10Page - Texas Instruments PCMD3140 Datasheet HTML 11Page - Texas Instruments PCMD3140 Datasheet HTML 12Page - Texas Instruments PCMD3140 Datasheet HTML 13Page - Texas Instruments PCMD3140 Datasheet HTML 14Page - Texas Instruments PCMD3140 Datasheet HTML 15Page - Texas Instruments PCMD3140 Datasheet HTML 16Page - Texas Instruments PCMD3140 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 107 page
background image
6.13 Typical Characteristics (continued)
at TA = 25°C, AVDD = 3.3 V, IOVDD = 3.3 V, fIN = 1-kHz sinusoidal signal, fS = 48 kHz, PDMCLKx = 64 × fS, 32-bit audio
data, BCLK = 256 × fS, TDM slave mode, PLL on, and linear phase decimation filter (unless otherwise noted); all
performance measurements are done with a 20-kHz, low-pass filter and an A-weighted filter (unless otherwise noted); all
measurements are done by feeding the device PDM digital input signal using audio precision
Frequency (Hz)
20 30
50 70 100
200300 500 1000 2000
5000 10000 20000
100000
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
Freq
D007
Channel-1
Channel-2
Channel-3
Channel-4
4th-order PDM modulator with PDMCLKx = 3.072 MHz
Figure 6-10. Frequency Response With a –20-dBr Input
Frequency (Hz)
20
30 4050 70 100
200 300
500
1000
2000
5000
10000
20000
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
D008
Channel-1
Channel-2
Channel-3
Channel-4
4th-order PDM modulator with PDMCLKx = 3.072 MHz
Figure 6-11. FFT With a –60-dBr Input
Input Amplitude (dB)
-130
-115
-100
-85
-70
-55
-40
-25
-10
-1
-130
-120
-110
-100
-90
-80
-70
-60
THD+
D009
Channel-1
Channel-2
Channel-3
Channel-4
4th-order PDM modulator with PDMCLKx = 1.536 MHz
Figure 6-12. THD+N vs Input Amplitude
Frequency (Hz)
20
30 4050 70 100
200 300
500
1000
2000
5000
10000
20000
-130
-120
-110
-100
-90
-80
-70
-60
D010
Channel-1
Channel-2
Channel-3
Channel-4
4th-order PDM modulator with PDMCLKx = 1.536 MHz
Figure 6-13. THD+N vs Input Frequency With a –20-dBr Input
Frequency (Hz)
20 30
50 70 100
200300 500 1000 2000
5000 10000 20000
100000
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
Freq
D011
Channel-1
Channel-2
Channel-3
Channel-4
4th-order PDM modulator with PDMCLKx = 1.536 MHz
Figure 6-14. Frequency Response With a –20-dBr Input
Frequency (Hz)
20
30 4050 70 100
200 300
500
1000
2000
5000
10000
20000
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
D012
Channel-1
Channel-2
Channel-3
Channel-4
4th-order PDM modulator with PDMCLKx = 1.536 MHz
Figure 6-15. FFT With a –60-dBr Input
www.ti.com
PCMD3140
SBASA64 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: PCMD3140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com