Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF126 Datasheet(PDF) 7 Page - 3M Electronics

Part # AF126
Description  Scotch-WeldTM Structural Adhesive Film
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF126 Datasheet(HTML) 7 Page - 3M Electronics

Back Button AF126 Datasheet HTML 3Page - 3M Electronics AF126 Datasheet HTML 4Page - 3M Electronics AF126 Datasheet HTML 5Page - 3M Electronics AF126 Datasheet HTML 6Page - 3M Electronics AF126 Datasheet HTML 7Page - 3M Electronics AF126 Datasheet HTML 8Page - 3M Electronics AF126 Datasheet HTML 9Page - 3M Electronics AF126 Datasheet HTML 10Page - 3M Electronics AF126 Datasheet HTML 11Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
- 7 -
Scotch-WeldTM
Structural Adhesive Film
AF 126 • AF 126 FR
Product Performance (continued)
Peel Tests (Stainless Steel #301 half hard, 8 mil) Test @ 75°F (24°C)
Climbing Drum Peel (Metal to Metal)
51 in•lbs/in (226.9 mN/m)
T-Peel
20 piw (89 N/25 mm)
Honeycomb Peel
13.7 in•lbs/in (60.9 mN/m)
Cure Conditions – 3M™ Scotch-Weld™ Structural Adhesive Primer EC-3901
Honeycomb Core – 5052, 7/16" thick, 3/16" cell, 1 mil foil, non-perf. (11.1 mm thick, 4.76 mm cell, 25.4 micron foil)
Cured 6-8°F/minute rise, 250°F, 60 minutes, 50 psi (cured 3.3-4.4°C/minute rise, 121°C, 60 minutes, 0.35 MPa).
3M™ Scotch-Weld™ Structural Adhesive Film AF 126 .06 wt. (294 g/m2)/3M™ Scotch-Weld™ Structural Adhesive
Primer EC-2320 Overlap Shear (Etched Aluminum) After 10 Hour Post Cure at 300°F (149°C)
1. Unaged
Tested @ 75°F (24°C)
6295 psi
43.4 MPa
Tested @ 300°F (149°C)
395 psi
2.7 MPa
2. 10 Hours @ 300°F (149°C) Aged
Tested @ 75°F (24°C)
6325 psi
43.6 MPa
Tested @ 300°F (149°C)
315 psi
2.2 MPa
Cured 250°F, 50 psi, 60 minutes, 6-8°F/minute rise (121°C, 0.35 MPa, 60 minutes, 3.3-4.4°C/minute rise).
Scotch-Weld AF 126 .06 wt. (294 g/m2)/Scotch-Weld EC-2320 Blister Detection on Chromic Acid Anodized
Surfaces
Tested @ -67°F (-55°C)
3900 psi
26.9 MPa
75°F (24°C)
4250 psi
29.3 MPa
180°F (82°C)
2070 psi
14.3 MPa
Cured 60 minutes @ 250°F, 50 psi, 6-8°F/minute rise (cured 60 minutes@ 121°C, 0.35 MPa, 3.3-4.4C/minute rise).
Scotch-Weld AF 126 .06 wt. (294 g/m2) Unprimed Quick Cure Data
75°F (24°C) Overlap Shear
Time in Press
Platen
Cold Rolled Steel
On Aluminum
Minutes
Temperature
Solvent Wiped
(FPL Etched)
60
250°F
(121°C)
2690 psi
18.5 MPa
5000 psi
34.5 MPa
6
300°F
(149°C)
3180 psi
21.9 MPa
4700 psi
32.4 MPa
2
350°F
(177°C)
3367 psi
23.2 MPa
4800 psi
33.1 MPa
0.5
400°F
(204°C)
3120 psi
21.5 MPa
4000 psi
33.6 MPa
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com