Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF126 Datasheet(PDF) 12 Page - 3M Electronics

Part # AF126
Description  Scotch-WeldTM Structural Adhesive Film
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF126 Datasheet(HTML) 12 Page - 3M Electronics

Back Button AF126 Datasheet HTML 7Page - 3M Electronics AF126 Datasheet HTML 8Page - 3M Electronics AF126 Datasheet HTML 9Page - 3M Electronics AF126 Datasheet HTML 10Page - 3M Electronics AF126 Datasheet HTML 11Page - 3M Electronics AF126 Datasheet HTML 12Page - 3M Electronics AF126 Datasheet HTML 13Page - 3M Electronics AF126 Datasheet HTML 14Page - 3M Electronics AF126 Datasheet HTML 15Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Scotch-WeldTM
Structural Adhesive Film
AF 126 • AF 126 FR
- 12 -
Product Application
Surface Preparations
A thoroughly cleaned, dry, grease-free surface is essential for maximum performance.
Cleaning methods which will produce a break-free water film on metal surfaces are
generally satisfactory. Surface preparations should be fully evaluated with the adhesive,
especially if resistance to specific environments are anticipated.
Suggested Cleaning Procedures for Aluminum
Aluminum Sheet
1. Alkaline Degrease – Oakite No. 164 solution (9-11 oz/gallon water) at 190°F ± 10°F
(88°C ± 5°C) for 10-20 minutes. Rinse immediately in large quantities of cold running
water.
2. Optimized FPL Etch Solution (1 liter):
Material
Amount
Distilled Water
700 ml plus balance of liter (see below)
Sodium Dichromate
28 to 67.3 grams
Sulfuric Acid
287.9 to 310.0 grams
Aluminum Chips
1.5 grams/liter of mixed solution
To prepare 1 liter of this solution, dissolve sodium dichromate in 700 ml of distilled
water. Add sulfuric acid and mix well. Add additional distilled water to fill to 1 liter.
Heat mixed solution to 66 to 71°C (150 to 160°F). Dissolve 1.5 grams of 2024 bare
aluminum chips per liter of mixed solution. Gentle agitation will help aluminum dissolve
in about 24 hours.
To FPL etch panels, place them in the above solution at 150 to 160°F (66 to 71°C) for
12 to 15 minutes.
Note: Review and follow component supplier safety and handling recommendations
prior to preparation of this etch solution.
3. Rinse – Rinse panels in clear running water.
4. Dry – Air dry 15 minutes, force dry 10 minutes minimum at 140°F (60°C) maximum.
5. It is advisable to bond the freshly cleaned surfaces within 4 hours after surface
preparation.
Adhesive Layup
Care should be taken to avoid contaminating adhesive and cleaned aluminum by any
substance which will hinder wetting action of the film.
Film Application
1. Cut portion of film to be used from roll with protective liner in place.
2. Place film on the primed metal using the separating liner as a protective cover.
3. Roll film into position with a rubber roller insuring that no air is trapped between surface
and film.
4. Remove protective liner.
5. Assemble parts and cure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com