Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF126 Datasheet(PDF) 1 Page - 3M Electronics

Part # AF126
Description  Scotch-WeldTM Structural Adhesive Film
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF126 Datasheet(HTML) 1 Page - 3M Electronics

  AF126 Datasheet HTML 1Page - 3M Electronics AF126 Datasheet HTML 2Page - 3M Electronics AF126 Datasheet HTML 3Page - 3M Electronics AF126 Datasheet HTML 4Page - 3M Electronics AF126 Datasheet HTML 5Page - 3M Electronics AF126 Datasheet HTML 6Page - 3M Electronics AF126 Datasheet HTML 7Page - 3M Electronics AF126 Datasheet HTML 8Page - 3M Electronics AF126 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
3
Scotch-WeldTM
Structural Adhesive Film
AF 126 • AF 126 FR
Introduction
3M™ Scotch-Weld™ Structural Adhesive Films AF 126 and AF 126 FR are thermosetting,
toughened, epoxy adhesive films designed for structural bonding. These unique products
offer the following advantages:
• Cure at temperatures as low as 180°F (82°C).
• Excellent strength for honeycomb sandwich applications.
• Scotch-Weld AF 126 is qualified to MIL-A-25463B and MMM-A-132B.
• High degree of tack in the uncured state.
• Scotch-Weld AF 126 FR is flame retardant Scotch-Weld AF 126.
• Scotch-Weld AF 126 FR is self extinguishing.
Technical Data
September, 2002
Description
Scotch-Weld
Scotch-Weld
Scotch-Weld
Scotch-Weld
AF 126
AF 126
AF 126
AF 126 FR
(.03 wt)
(.06 wt)
(.08 wt)
(.06 wt)
Form:
Supported film adhesive with protective liner
Color:
Green
Green
Red
Off White
Nominal Weight:
0.030 lb/ft2
0.060 lb/ft2
0.080 lb/ft2
0.060 lb/ft2
(147 g/m2)
(294 g/m2)
(392 g/m2)
(294 g/m2)
Nominal Caliper:
0.005 in.
0.010 in.
0.015 in.
0.010 in.
(0.13 mm)
(0.25 mm)
(0.38 mm)
(0.25 mm)
Volatile Content:
Less than 1%


Similar Part No. - AF126

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
AF126 SIEMENS-AF126 Datasheet
2Mb / 11P
Germanium PNP Transistor
More results

Similar Description - AF126

ManufacturerPart #DatasheetDescription
logo
3M Electronics
EC-1648 3M-EC-1648 Datasheet
20Kb / 4P
3M Scotch-WeldTM Structural Adhesive
AF191 3M-AF191 Datasheet
140Kb / 12P
3M Scotch-WeldTM Structural Adhesive Film
AF163-2 3M-AF163-2 Datasheet
355Kb / 21P
3M Scotch-WeldTM Structural Adhesive Film
Nov-2009
EC-3964 3M-EC-3964 Datasheet
22Kb / 4P
Scotch-WeldTM Structural Adhesive
EC-3587 3M-EC-3587 Datasheet
21Kb / 4P
Scotch-WeldTM Structural Adhesive
AF3185 3M-AF3185 Datasheet
20Kb / 4P
Scotch-WeldTM Structural Adhesive Film
AF3109-2 3M-AF3109-2 Datasheet
54Kb / 8P
Scotch-WeldTM Structural Adhesive Film
May-2002
AF32 3M-AF32 Datasheet
36Kb / 8P
3M Scotch-WeldTM Structural Adhesive Film
AF31 3M-AF31 Datasheet
80Kb / 15P
3M Scotch-WeldTM Structural Adhesive Film
Mar-2006
AF30 3M-AF30 Datasheet
42Kb / 12P
3m Scotch-WeldTM Structural Adhesive Film
Jun-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com