Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF126 Datasheet(PDF) 11 Page - 3M Electronics

Part # AF126
Description  Scotch-WeldTM Structural Adhesive Film
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF126 Datasheet(HTML) 11 Page - 3M Electronics

Back Button AF126 Datasheet HTML 7Page - 3M Electronics AF126 Datasheet HTML 8Page - 3M Electronics AF126 Datasheet HTML 9Page - 3M Electronics AF126 Datasheet HTML 10Page - 3M Electronics AF126 Datasheet HTML 11Page - 3M Electronics AF126 Datasheet HTML 12Page - 3M Electronics AF126 Datasheet HTML 13Page - 3M Electronics AF126 Datasheet HTML 14Page - 3M Electronics AF126 Datasheet HTML 15Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Scotch-WeldTM
Structural Adhesive Film
AF 126 • AF 126 FR
Product Performance (continued)
3M™ Scotch-Weld™ Structural Adhesive Film AF 126 .06 wt. (294 g/m2)
Overlap Shear
Test Results
Test Temperature
.06 wt.
294 g/m2
-67°F
-55°C
4680 psi
32.3 MPa
75°F
24°C
5050 psi
34.8 MPa
180°F
82°C
3171 psi
21.9 MPa
250°F
121°C
2122 psi
14.6 MPa
3M Test Method C-244 (ASTM D 1002)
FPL Etched Aluminum
Unprimed
Test Results
Test Temperature
.06 wt.
294 g/m2
75°F
24°C
71 in•lbs/in
632 N/25.4 mm
3M Test Method C-2222 (ASTM D 1781)
FPL Etched Aluminum and Phosphoric Acid Anodize
Primed with 3M™ Scotch-Weld™ Structural Adhesive Primer EC-2330 (.2 mil thick)
Metal to Metal Climbing Drum Peel
Test Results
Test Temperature
.06 wt.
294 g/m2
-67°F
-55°C
48 in•lb
1281 N/76 mm
3"
75°F
24°C
48 in•lb
1281 N/76 mm
3"
180°F
82°C
36 in•lb
961 N/76 mm
3"
3M Test Method C-245 (ASTM D 1781)
FPL Etched
Unprimed
Core: 5052 Aluminum – 1/4" cell – 4 mil foil
Scotch-Weld AF 126 FR .06 wt. (294 g/m2) is self extinguishing per ASTM D 568
Honeycomb Climbing Drum Peel
- 11 -
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com