Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F2912 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # F2912
Description  High Reliability SP2T RF Switch 9 kHz to 9000 MHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2912 Datasheet(HTML) 3 Page - Renesas Technology Corp

  F2912 Datasheet HTML 1Page - Renesas Technology Corp F2912 Datasheet HTML 2Page - Renesas Technology Corp F2912 Datasheet HTML 3Page - Renesas Technology Corp F2912 Datasheet HTML 4Page - Renesas Technology Corp F2912 Datasheet HTML 5Page - Renesas Technology Corp F2912 Datasheet HTML 6Page - Renesas Technology Corp F2912 Datasheet HTML 7Page - Renesas Technology Corp F2912 Datasheet HTML 8Page - Renesas Technology Corp F2912 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
F2912
F2912, Rev 3, 04/01/2016
3
High Reliability SP2T RF Switch
F2912 RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Voltage
VCC
Using 3.3 V logic
(Pin 18 low)
2.7
3.6
V
Using 1.8 V logic
(Pin 18 high)
3.15
3.45
Operating Temperature Range
TCASE
Case Temperature
-55
+125
OC
RF Frequency Range
FRF
0.009
9000
MHz
RF1 Port Impedance
ZRF1
50
Ω
RF2 Port Impedance
ZRF2
50
RF_COM Port Impedance
ZRF_COM
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com