Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F2912 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # F2912
Description  High Reliability SP2T RF Switch 9 kHz to 9000 MHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2912 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button F2912 Datasheet HTML 4Page - Renesas Technology Corp F2912 Datasheet HTML 5Page - Renesas Technology Corp F2912 Datasheet HTML 6Page - Renesas Technology Corp F2912 Datasheet HTML 7Page - Renesas Technology Corp F2912 Datasheet HTML 8Page - Renesas Technology Corp F2912 Datasheet HTML 9Page - Renesas Technology Corp F2912 Datasheet HTML 10Page - Renesas Technology Corp F2912 Datasheet HTML 11Page - Renesas Technology Corp F2912 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
F2912
High Reliability SP2T RF Switch
8
F2912, Rev 3, 04/01/2016
TYPICAL OPERATING CONDITIONS (- 1 -)
Insertion Loss vs. Temperature
Insertion Loss vs. Voltage
Isolation vs. Temperature [RFC  RF1 / RF2]
Insertion Loss vs. Temperature
Insertion Loss vs. Voltage
Isolation vs. Temperature [RFC  RF1 / RF2]
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
1.E+4
1.E+5
1.E+6
1.E+7
1.E+8
1.E+9
Frequency (Hz)
-55 C / +3.3 V / RFC -> RF1
-55 C / +3.3 V / RFC -> RF2
-40 C / +3.3 V / RFC -> RF1
-40 C / +3.3 V / RFC -> RF2
+25 C / +3.3 V / RFC -> RF1
+25 C / +3.3 V / RFC -> RF2
+125 C / +3.3 V / RFC -> RF1
+125 C / +3.3 V / RFC -> RF2
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
1.E+4
1.E+5
1.E+6
1.E+7
1.E+8
1.E+9
Frequency (Hz)
+25 C / +2.7 V / RFC -> RF1
+25 C / +2.7 V / RFC -> RF2
+25 C / +3.0 V / RFC -> RF1
+25 C / +3.0 V / RFC -> RF2
+25 C / +3.3 V / RFC -> RF1
+25 C / +3.3 V / RFC -> RF2
+25 C / +3.6 V / RFC -> RF1
+25 C / +3.6 V / RFC -> RF2
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1.E+4
1.E+5
1.E+6
1.E+7
1.E+8
1.E+9
Frequency (Hz)
-55 C / +3.3 V / RF2 Sel
-55 C / +3.3 V / RF1 Sel
-40 C / +3.3 V / RF2 Sel
-40 C / +3.3 V / RF1 Sel
+25 C / +3.3 V / RF2 Sel
+25 C / +3.3 V / RF1 Sel
+125 C / +3.3 V / RF2 Sel
+125 C / +3.3 V / RF1 Sel
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0
1
2
3
4
5
6
7
8
9
10
11
Frequency (GHz)
-55 C / +3.3 V / RFC -> RF1
-55 C / +3.3 V / RFC -> RF2
-40 C / +3.3 V / RFC -> RF1
-40 C / +3.3 V / RFC -> RF2
+25 C / +3.3 V / RFC -> RF1
+25 C / +3.3 V / RFC -> RF2
+125 C / +3.3 V / RFC -> RF1
+125 C / +3.3 V / RFC -> RF2
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0
1
2
3
4
5
6
7
8
9
10
11
Frequency (GHz)
+25 C / +2.7 V / RFC -> RF1
+25 C / +2.7 V / RFC -> RF2
+25 C / +3.0 V / RFC -> RF1
+25 C / +3.0 V / RFC -> RF2
+25 C / +3.3 V / RFC -> RF1
+25 C / +3.3 V / RFC -> RF2
+25 C / +3.6 V / RFC -> RF1
+25 C / +3.6 V / RFC -> RF2
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
8
9
10
11
Frequency (GHz)
-55 C / +3.3 V / RF2 Sel
-55 C / +3.3 V / RF1 Sel
-40 C / +3.3 V / RF2 Sel
-40 C / +3.3 V / RF1 Sel
+25 C / +3.3 V / RF2 Sel
+25 C / +3.3 V / RF1 Sel
+125 C / +3.3 V / RF2 Sel
+125 C / +3.3 V / RF1 Sel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com