Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F2912 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # F2912
Description  High Reliability SP2T RF Switch 9 kHz to 9000 MHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2912 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button F2912 Datasheet HTML 16Page - Renesas Technology Corp F2912 Datasheet HTML 17Page - Renesas Technology Corp F2912 Datasheet HTML 18Page - Renesas Technology Corp F2912 Datasheet HTML 19Page - Renesas Technology Corp F2912 Datasheet HTML 20Page - Renesas Technology Corp F2912 Datasheet HTML 21Page - Renesas Technology Corp F2912 Datasheet HTML 22Page - Renesas Technology Corp F2912 Datasheet HTML 23Page - Renesas Technology Corp F2912 Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
F2912
High Reliability SP2T RF Switch
22
F2912, Rev 3, 04/01/2016
EVKIT OPERATION
The F2912 EVkit has a number of control features available. Please refer to the EVkit Application Circuit and
EVkit Picture for connections to this part. All bias and logic controls are done using J7 as an interface.
See Table 5 for the function of each pin on J7.
Table 5: EVkit J7 Interface Table
J7 PIN PIN NAME
CONNECTIONS
1
VCC
Pin to supply VCC from an external power supply.
2
GND
Pin to supply GND from an external power supply.
3
ModeCTL
Leave this pin open to select 1-pin control. A pull up resistor on the EVkit
provides a logic high. If 2-pin control is desired, ground this pin by using a
two pin shunt between this pin and pin 4 (GND). See Tables 1, 2, and 3 for
1-pin and 2-pin control logic.
4
GND
Pin available to shunt to pin 3 to provide a logic low.
5
LogicCTL
If using 1.8 V logic for CTL1 and CTL2, leave this pin open. A pullup resistor
on the kit provides a logic high. If 3.3 V logic is used then ground this pin
by using a two pin shunt between this pin and pin 6 (GND).
6
GND
Pin available to shunt to pin 5 to provide a logic low.
7
CTL1
Used to control the switch state when using the 2-pin control method.
Leave this pin open to allow the EVkit pullup resistor to provide a logic high.
Connect to pin 8 (GND) with a two pin shunt if a logic low is desired. Actual
logic levels applied to this pin depend on the setting of LogicCTL pin. This
device can be damage if the incorrect logic level is applied to this pin.
8
GND
Pin available to shunt to pin 7 to provide a logic low.
9
CTL2
Used to control the switch state when using the 1-pin or 2-pin control
method. Leave this pin open to allow the EVkit pullup resistor to provide a
logic high. Connect to pin 10 (GND) with a two pin shunt if a logic low is
desired. Actual logic levels applied to this pin depend on the setting of
LogicCTL pin. This device can be damage if the incorrect logic level is
applied to this pin.
10
GND
Pin available to shunt to pin 9 to provide a logic low.
11
1.8VSEL
If using 3.3 V CTL1 and CTL2 logic, connect this pin to pin 12 (VCC) using a
two pin shunt. If using 1.8 V logic then leave this pin open.*
12
VCC
Internally connected on PCB to VCC on pin 1.
13
1.8VSEL
If using 1.8 V CTL1 and CTL2 logic, connect this pin to pin 14 (1.8VSEL2)
using a two pin shunt. If using 3.3 V logic then leave this pin open.*
14
1.8VSEL2
If using 1.8 V CTL1 and CTL2 logic, connect this pin to pin 13 (1.8VSEL)
using a two pin shunt. If using 3.3 V logic then leave this pin open.*
* Never configure the kit to have two pin shunts for both Pin 11 to Pin 12 and Pin 13 to Pin 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com