Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F2912 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # F2912
Description  High Reliability SP2T RF Switch 9 kHz to 9000 MHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2912 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button F2912 Datasheet HTML 16Page - Renesas Technology Corp F2912 Datasheet HTML 17Page - Renesas Technology Corp F2912 Datasheet HTML 18Page - Renesas Technology Corp F2912 Datasheet HTML 19Page - Renesas Technology Corp F2912 Datasheet HTML 20Page - Renesas Technology Corp F2912 Datasheet HTML 21Page - Renesas Technology Corp F2912 Datasheet HTML 22Page - Renesas Technology Corp F2912 Datasheet HTML 23Page - Renesas Technology Corp F2912 Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
F2912
High Reliability SP2T RF Switch
20
F2912, Rev 3, 04/01/2016
EVKIT BOM
Part Reference
QTY
DESCRIPTION
Mfr. Part #
Mfr.
C1
1
1000 pF ±5%, 50V, C0G Ceramic Capacitor (0603)
GRM1885C1H102J
Murata
C2
1
0.1 µF ±10%, 16V, X7R Ceramic Capacitor (0402)
GRM155R71C104K
Murata
C3 – C6
4
100 pF ±5%, 50V, C0G Ceramic Capacitor (0402)
GRM1555C1H101J
Murata
R1 – R4
4
100 ohm ±1%, 1/10W, Resistor (0402)
ERJ-2RKF1000X
Panasonic
R5
1
15 kohm ±1%, 1/10W, Resistor (0402)
ERJ-2RKF1502X
Panasonic
R6
1
18 kohm ±1%, 1/10W, Resistor (0402)
ERJ-2RKF1802X
Panasonic
R7 – R10
4
100 kohm ±1%, 1/10W, Resistor (0402)
ERJ-2RKF1003X
Panasonic
J1 – J5
5
SMA Edge Launch (0.375 inch pitch ground tabs)
142-0701-851
Emerson Johnson
J7
1
CONN HEADER VERT 7x2 POS GOLD
N2514-6002-RB
3M
U1
1
SP2T Switch 4 mm x 4 mm QFN20-EP
F2912NCGI
IDT
1
Printed Circuit Board
F2912 EVKIT REV 4.1
IDT
TOP MARKINGS
IDTF29
12NCGI
ZC412AKG
Part Number
Date Code [YWW]
(Week 12 of 2014)
Lot Code
ASM Test
Step
Assembler
Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com