Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F2912 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # F2912
Description  High Reliability SP2T RF Switch 9 kHz to 9000 MHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2912 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button F2912 Datasheet HTML 12Page - Renesas Technology Corp F2912 Datasheet HTML 13Page - Renesas Technology Corp F2912 Datasheet HTML 14Page - Renesas Technology Corp F2912 Datasheet HTML 15Page - Renesas Technology Corp F2912 Datasheet HTML 16Page - Renesas Technology Corp F2912 Datasheet HTML 17Page - Renesas Technology Corp F2912 Datasheet HTML 18Page - Renesas Technology Corp F2912 Datasheet HTML 19Page - Renesas Technology Corp F2912 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
F2912
High Reliability SP2T RF Switch
16
F2912, Rev 3, 04/01/2016
PIN DIAGRAM
GND
16
17
18
19
20
1
4
3
2
5
GND
GND
11
GND
6
7
8
9
10
RF2
15
12
13
GND
14
GND
GND
RF1
GND
50
Ω
50
Ω
50
Ω
Control
Circuit
E.P.
PIN DESCRIPTION
PIN
NAME
FUNCTION
1, 2, 4, 5, 6,
7, 9, 10, 11,
12, 14, 15
GND
Ground these pins as close to the device as possible.
3
RF1
RF1 Port. Matched to 50
. If this pin is not 0 V DC, then an
external coupling capacitor must be used.
8
RF_COM
RF Common Port. Matched to 50
. If this pin is not 0 V DC,
then an external coupling capacitor must be used.
13
RF2
RF2 Port. Matched to 50
. If this pin is not 0 V DC, then an
external coupling capacitor must be used.
16
CTL2
Control 2 – See Table 1 and Table 2 Switch Control Truth Tables
for proper logic setting.
17
CTL1
Control 1 – See Table 1 and Table 2 Switch Control Truth Tables
for proper logic setting.
18
LogicCTL
Logic Control – See Table 4 Logic Control Truth Table. Apply VCC
to select 1.8 V logic control or GND for 3.3 V logic control.
19
ModeCTL
Mode Control – See Table 3 Mode Control Truth Table. Apply
VCC to select 1-pin control or GND for 2-pin control.
20
VCC
Power Supply. Bypass to GND with capacitors shown in the
Typical Application Circuit as close as possible to pin.
21
— EP
Exposed Pad. Internally connected to GND. Solder this exposed
pad to a PCB pad that uses multiple ground vias to provide heat
transfer out of the device into the PCB ground planes. These
multiple via grounds are also required to achieve the specified
RF performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com