Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F4482 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # F4482
Description  DIFF-In / SE-Out Quad Path TX DVGA 1300MHz to 2800MHz
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F4482 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button F4482 Datasheet HTML 41Page - Renesas Technology Corp F4482 Datasheet HTML 42Page - Renesas Technology Corp F4482 Datasheet HTML 43Page - Renesas Technology Corp F4482 Datasheet HTML 44Page - Renesas Technology Corp F4482 Datasheet HTML 45Page - Renesas Technology Corp F4482 Datasheet HTML 46Page - Renesas Technology Corp F4482 Datasheet HTML 47Page - Renesas Technology Corp F4482 Datasheet HTML 48Page - Renesas Technology Corp F4482 Datasheet HTML 49Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
F4482 Datasheet
© 2020 Renesas Electronics Corporation
46
December 15, 2020
Package Outline Drawings
The package outline drawings are appended at the end of this document.
Ordering Information
Orderable Part Number
Package
MSL Rating
Shipping Packaging
Temperature
F4482LKGI
8 × 8 × 0.65 mm 56-LGA
3
Tray
-40° to +105°C
F4482LKGI8
8 × 8 × 0.65 mm 56-LGA
3
Reel
-40° to +105°C
F4482EVS-1P5
Evaluation Board (Band 1)
F4482EVS-2P1
Evaluation Board (Band 2)
Marking Diagram
IDT
F4482LKGI
#YYWW$
LOT
Line 1 is the manufacturer (IDT/Renesas).
Line 2 is the part number.
Line 3 indicates the following:
•
# denotes device stepping
•
“YY” is the last two digits of the year; “WW” is the work week that the part was assembled.
•
“$” denotes the mark code
Line 4 is the lot number.
Revision History
Revision Date
Description of Change
December 15, 2020
Removed references to F4483.
October 15, 2020
Updated Ordering Information.
October 5, 2020
Updated Electrical Characteristics tables and Typical Performance Characteristics.
August 28, 2020
Updated Electrical Characteristics table.
August 14, 2020
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com