Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F4482 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # F4482
Description  DIFF-In / SE-Out Quad Path TX DVGA 1300MHz to 2800MHz
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F4482 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button F4482 Datasheet HTML 15Page - Renesas Technology Corp F4482 Datasheet HTML 16Page - Renesas Technology Corp F4482 Datasheet HTML 17Page - Renesas Technology Corp F4482 Datasheet HTML 18Page - Renesas Technology Corp F4482 Datasheet HTML 19Page - Renesas Technology Corp F4482 Datasheet HTML 20Page - Renesas Technology Corp F4482 Datasheet HTML 21Page - Renesas Technology Corp F4482 Datasheet HTML 22Page - Renesas Technology Corp F4482 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
F4482 Datasheet
© 2020 Renesas Electronics Corporation
19
December 15, 2020
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Group Delay in Passband
τ
fRF = 1700MHz to 2800MHz
1
2
ns
Group Delay Ripple
τRIPPLE
Any 280MHz band within
fRF = 1700MHz to 2800MHz
0.1
1
ns
Cross Channel Group Delay in
Passband vs. Channel Group Delay
in Passband
τXCHANNEL - τ
fRF = 170MHz
to 2800MHz
Worst case
cross-channel
leakage
combinations
(A to B) - B;
(B to A) - A;
(B to C) - C;
(C to B) - B;
(C to D) - D;
(D to C) - C
DSA = 0dB
0.6
ns
DSA = 14dB
0.4
DSA = 28dB
0.4
Intra-die Channel-to-Channel
Differences in Group Delay
τA
- τB
Worst case difference in Group
Delay for any 2dB step over the
0dB to 30dB attenuation range
(with channels A and B both
set to identical DSA attenuation
levels).
0.1
ns
Step Error (DNL)
ERRORSTEP Maximum error between
adjacent steps
± 0.1
dB
Absolute Error (INL)
ERRORABS
Over attenuation range
referenced to maximum gain
state
Note [c]
dB
Phase Shift Over Any 5ºC
Temperature Change Over the -40ºC
to 105ºC Range
ΦΔTemp at 0dB DSA 0dB Attenuation
0.5
deg
ΦΔTemp at 14dB DSA 14dB Attenuation
0.5
ΦΔTemp at 31.5dB DSA 31.5dB Attenuation
0.5
Phase Shift Between Startups
ΦON-OFF-ON
Channel A or Channel B Phase
Shifts. Measuring “On State”
phase shifts occurring over
time as the device is powered
on/off via STBY mode or via
PORs (power on resets).
2
deg
[ΦA – ΦB] ON-
OFF-ON
Channel A - Channel B Phase
Shifts. Measuring “On State”
phase shifts occurring over
time as the device is powered
on/off via STBY mode or via
PORs (power on resets).
10
Phase Shift Between Any 2dB Step
Φ2dB Step
Worst case, any 2dB step.
1.2
deg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com