Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F4482 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # F4482
Description  DIFF-In / SE-Out Quad Path TX DVGA 1300MHz to 2800MHz
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F4482 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button F4482 Datasheet HTML 3Page - Renesas Technology Corp F4482 Datasheet HTML 4Page - Renesas Technology Corp F4482 Datasheet HTML 5Page - Renesas Technology Corp F4482 Datasheet HTML 6Page - Renesas Technology Corp F4482 Datasheet HTML 7Page - Renesas Technology Corp F4482 Datasheet HTML 8Page - Renesas Technology Corp F4482 Datasheet HTML 9Page - Renesas Technology Corp F4482 Datasheet HTML 10Page - Renesas Technology Corp F4482 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
F4482 Datasheet
© 2020 Renesas Electronics Corporation
7
December 15, 2020
Pin Descriptions
Table 1. Pin Descriptions
Number
Name
Description
1, 4, 8, 11,
14, 15, 26,
28, 29, 31,
33, 38, 40,
42, 43, 45, 56
GND
Internally grounded. These pins must be grounded as close to the device as possible.
2
RFIN_A+
Channel A RF differential input. Internally matched to 100Ω. Must use external DC blocks.
3
RFIN_A-
5
RFIN_B-
Channel B RF differential input. Internally matched to 100Ω. Must use external DC blocks.
6
RFIN_B+
7
NC
No internal connection. It is highly recommended that these pins be connected to a ground via that is located
as close to the pin as possible.
9
RFIN_C+
Channel C RF differential input. Internally matched to 100Ω. Must use external DC blocks.
10
RFIN_C-
12
RFIN_D-
Channel D RF differential input. Internally matched to 100Ω. Must use external DC blocks.
13
RFIN_D+
16, 17, 21,
23, 25, 46,
48, 50, 54, 55
VCC
Power Supply. Must place the bypass capacitor as close to the pin as possible.
18
RSET_3
Connect external resistor to GND to optimize amplifier performance. Refer to Table 12, Bill of Materials (BOM).
19
RDSET_3
Connect external resistor to GND to optimize amplifier performance. Refer to Table 12, Bill of Materials (BOM).
20
STBY_D
Standby channel D. With Logic LOW applied to this pin (or if the pin is left unconnected), channel D enters
STBY mode and is powered off. With Logic HIGH applied to this pin, channel D is powered on and is fully
operational.
22
RSET_4
Connect external resistor to GND to optimize amplifier performance. Refer to Table 12, Bill of Materials (BOM).
24
RDSET_4
Connect external resistor to GND to optimize amplifier performance. Refer to Table 12, Bill of Materials (BOM).
27
RFOUT_D
RF output D internally matched to 50Ω. Must use external DC block.
30
STBY_C
Standby channel C. With Logic LOW applied to this pin (or if the pin is left unconnected), channel C enters
STBY mode and is powered off. With Logic HIGH applied to this pin, channel C is powered on and is fully
operational.
32
RFOUT_C
RF output C internally matched to 50Ω. Must use external DC block.
34
CSb
Serial Chip Select. CSb pin can be pulled up to VCC and down to GND. 1.8 V and 3.3 V logic compatible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com