Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F4482 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # F4482
Description  DIFF-In / SE-Out Quad Path TX DVGA 1300MHz to 2800MHz
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F4482 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button F4482 Datasheet HTML 12Page - Renesas Technology Corp F4482 Datasheet HTML 13Page - Renesas Technology Corp F4482 Datasheet HTML 14Page - Renesas Technology Corp F4482 Datasheet HTML 15Page - Renesas Technology Corp F4482 Datasheet HTML 16Page - Renesas Technology Corp F4482 Datasheet HTML 17Page - Renesas Technology Corp F4482 Datasheet HTML 18Page - Renesas Technology Corp F4482 Datasheet HTML 19Page - Renesas Technology Corp F4482 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
F4482 Datasheet
© 2020 Renesas Electronics Corporation
16
December 15, 2020
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Phase Shift Between Any 8dB Step
Φ8dB Step
Worst case, any 8dB step
5
deg
Phase Shift Relative to 0dB
Attenuation State
ΦΔMAX
DSA 31.5dB Attenuation
4.5
deg
ΦΔMID
DSA 14dB Attenuation
1.7
Intra-die Channel-to-Channel
Differences in Phase
ΦA - ΦB
ΦA @ 16dB - ΦB @ 16dB
Worst case difference in phase
with channels A and B both set
to DSA = 16dB attenuation
levels.
2.5
deg
[ΦA @ XdB - ΦB @ XdB] -
[ΦA @ 16dB - ΦB @ 16dB]
Worst case difference in phase
between the 16dB DSA
attenuation case and any other
state when the DSAs are set to
XdB. X = 16 ± 2N, where N is
an integer ranging from 1 to 8.
0.2
Noise Figure at Room (25˚C) [d]
NFROOM
TEP = 25˚C
DSA = 0dB
5.2
6.6
dB
DSA = 14dB
8.4
DSA = 28dB
20
Noise Figure at Hot (105˚C) [d]
NFHOT
TEP = 105˚C
DSA = 0dB
6.7
dB
DSA = 14dB
10.5
DSA = 28dB
22
Noise Figure at Cold (-40˚C) [d]
NFCOLD
TEP = -40˚C
DSA = 0dB
4
dB
DSA = 14dB
7
DSA = 28dB
18.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com