Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F4482 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # F4482
Description  DIFF-In / SE-Out Quad Path TX DVGA 1300MHz to 2800MHz
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F4482 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button F4482 Datasheet HTML 18Page - Renesas Technology Corp F4482 Datasheet HTML 19Page - Renesas Technology Corp F4482 Datasheet HTML 20Page - Renesas Technology Corp F4482 Datasheet HTML 21Page - Renesas Technology Corp F4482 Datasheet HTML 22Page - Renesas Technology Corp F4482 Datasheet HTML 23Page - Renesas Technology Corp F4482 Datasheet HTML 24Page - Renesas Technology Corp F4482 Datasheet HTML 25Page - Renesas Technology Corp F4482 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
F4482 Datasheet
© 2020 Renesas Electronics Corporation
22
December 15, 2020
Thermal Characteristics
Table 7. Package Thermal Characteristics
Parameter
Symbol
Value
Units
Junction to Ambient Thermal Resistance
θJA
26.89
°C/W
Junction to Case Thermal Resistance (Case is defined as the exposed paddle)
θJC-BOT
3.33
°C/W
Moisture Sensitivity Rating (Per J-STD-020)
MSL 3
Typical Operating Conditions (TOC)
Unless otherwise noted, for the TOC graphs on the following pages, the following conditions apply:
Vcc = 3.3V
ZS = 100Ω Differential
ZL = 50Ω Single Ended
fRF = 1.45GHz (set 1)
fRF = 2.1GHz (set 2)
TEP = +25°C
STBY_A = STBY_B = STBY_C = STBY_D = HIGH (All channels enabled)
POUT = 0dBm / Tone unless otherwise specified for multi-tone tests
5MHz Tone Spacing
Gain setting = Maximum Gain
All temperatures are referenced to the exposed paddle
Evaluation Kit traces and connector losses are de-embedded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com