Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F4482 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # F4482
Description  DIFF-In / SE-Out Quad Path TX DVGA 1300MHz to 2800MHz
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F4482 Datasheet(HTML) 5 Page - Renesas Technology Corp

  F4482 Datasheet HTML 1Page - Renesas Technology Corp F4482 Datasheet HTML 2Page - Renesas Technology Corp F4482 Datasheet HTML 3Page - Renesas Technology Corp F4482 Datasheet HTML 4Page - Renesas Technology Corp F4482 Datasheet HTML 5Page - Renesas Technology Corp F4482 Datasheet HTML 6Page - Renesas Technology Corp F4482 Datasheet HTML 7Page - Renesas Technology Corp F4482 Datasheet HTML 8Page - Renesas Technology Corp F4482 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
F4482 Datasheet
© 2020 Renesas Electronics Corporation
5
December 15, 2020
List of Tables
Table 1. Pin Descriptions.......................................................................................................................................................................................7
Table 2. Absolute Maximum Ratings.....................................................................................................................................................................9
Table 3. Recommended Operating Conditions....................................................................................................................................................10
Table 4. Electrical Characteristics – General.......................................................................................................................................................11
Table 5. Electrical Characteristics – Band 1 (1300MHz to 1700MHz).................................................................................................................14
Table 6. Electrical Characteristics – Band 2 (1700MHz to 2800MHz).................................................................................................................18
Table 7. Package Thermal Characteristics..........................................................................................................................................................22
Table 8. Channel Select Truth Table...................................................................................................................................................................36
Table 9. DVGA Attenuation Word Truth Table ....................................................................................................................................................37
Table 10. SPI Timing Diagram Values for the Serial Mode.................................................................................................................................39
Table 11. STBY Logic Truth Table ......................................................................................................................................................................40
Table 12. Bill of Material (BOM) ..........................................................................................................................................................................44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com