Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 124 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 124 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 120Page - Texas Instruments AM6421 Datasheet HTML 121Page - Texas Instruments AM6421 Datasheet HTML 122Page - Texas Instruments AM6421 Datasheet HTML 123Page - Texas Instruments AM6421 Datasheet HTML 124Page - Texas Instruments AM6421 Datasheet HTML 125Page - Texas Instruments AM6421 Datasheet HTML 126Page - Texas Instruments AM6421 Datasheet HTML 127Page - Texas Instruments AM6421 Datasheet HTML 128Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 237 page
background image
7.10.3.1 Reset Timing
Tables and figures provided in this section define timing requirements and switching characteristics for reset
related signals.
Table 7-4. MCU_PORz Timing Requirements
see Figure 7-5
NO.
MIN
MAX UNIT
RST1
th(SUPPLIES_VALID - MCU_PORz)
Hold time, MCU_PORz active (low) at Power-up
after supplies valid (using external crystal)
9500000
ns
RST2
Hold time, MCU_PORz active (low) at Power-up
after supplies valid and external clock stable (using
external LVCMOS oscillator)
1200
ns
RST3
tw(MCU_PORzL)
Pulse Width minimum, MCU_PORz low after
Power-up (without removal of Power or system
reference clock MCU_OSC0_XI/XO)
1200
ns
Figure 7-5. MCU_PORz Timing Requirements
Table 7-5. MCU_RESETSTATz, and RESETSTATz Switching Characteristics
see Figure 7-6
NO.
PARAMETER
MIN
MAX UNIT
RST4
td(MCU_PORzL-MCU_RESETSTATzL)
Delay time, MCU_PORz active (low) to
MCU_RESETSTATz active (low)
0
ns
RST5
td(MCU_PORzH-MCU_RESETSTATzH)
Delay time, MCU_PORz inactive (high) to
MCU_RESETSTATz inactive (high)
6120*S(1)
ns
RST6
td(MCU_PORzL-RESETSTATzL)
Delay time, MCU_PORz active (low) to
RESETSTATz active (low)
0
ns
RST7
td(MCU_PORzH-RESETSTATzH)
Delay time, MCU_PORz active (low) to
RESETSTATz active (low)
9195*S(1)
ns
RST8
tw(MCU_RESETSTATzL)
Pulse Width Minimum MCU_RESETSTATz low
(SW_MCU_WARMRST)
4040*S(1)
ns
RST9
tw(RESETSTATzL)
Pulse Width Minimum RESETSTATz low
(SW_MCU_WARMRST, SW_MAIN_PORz, or
SW_MAIN_WARMRST)
301200
ns
(1)
S = MCU_OSC0_XI/XO clock period
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
www.ti.com
124
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com