Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 122 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 122 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 118Page - Texas Instruments AM6421 Datasheet HTML 119Page - Texas Instruments AM6421 Datasheet HTML 120Page - Texas Instruments AM6421 Datasheet HTML 121Page - Texas Instruments AM6421 Datasheet HTML 122Page - Texas Instruments AM6421 Datasheet HTML 123Page - Texas Instruments AM6421 Datasheet HTML 124Page - Texas Instruments AM6421 Datasheet HTML 125Page - Texas Instruments AM6421 Datasheet HTML 126Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 237 page
background image
AM64x_ELCH_01
VDDSHV_MCU , VDDSHV0 , VDDSHV1 , VDDSHV2 , VDDSHV3 ,
VDDSHV4 , VDDSHV5 , VDDA_3P3_SDIO, VDDA_USB0,
VMON_3P3_SOC , VMON_3P3_MCU
(3)
(3)
(3)
(3)
(3)
(3)
(3)
(4)
(4)
VSYS, VMON_VSYS
VDDS_OSC, VDDSHV_MCU , VDDSHV0 , VDDSHV1 , VDDSHV2 , VDDSHV3 ,
VDDSHV4 , VDDSHV5 , VDDA_MCU, VDDA_ADC0, VDDA_PLL0, VDDA_PLL1,
VDDA_PLL2, VDDA_1P8_SERDES0, VDDA_1P8_USB0, VMON_1P8_MCU ,
VMON_1P8_SOC , VDDA_TEMP0, VDDA_TEMP1, VDDS_MMC0
(5)
(5)
(5)
(5)
(5)
(5)
(5)
(6)
(6)
VDDS_DDR , VDDS_DDR_C
(7)
(7)
VDD_CORE
(8)
VDD_CORE
, VDDR_CORE
, VDDA_0P85_SERDES0_C,
VDDA_0P85_SERDES0, VDDA_0P85_USB0,
VDD_DLL_MMC0, VDD_MCU0
(9)
(10)
(10)
VPP
(11)
MCU_PORz
MCU_OSC0_XI, MCU_OSC0_XO
Hi-Z
VSYS
VMON_VSYS
Note 1
Note 2
Figure 7-3. Power-Up Sequencing
1. VSYS represents the name of a supply which sources power to the entire system. This supply is expected to
be a pre-regulated supply that sources power management devices which source all other supplies.
2. VMON_VSYS input is used to monitor VSYS via an external resistor divider circuit. For more information, see
Section 9.3.4, System Power Supply Monitor Design Guidelines.
3. VDDSHV_MCU and VDDSHVx [x=0-5] are dual voltage IO supplies which can be operated at 1.8V or 3.3V
depending on the application requirements. When any of the VDDSHV_MCU or VDDSHVx [x=0-5] IO
supplies are operating at 3.3V, they shall be ramped up with other 3.3V supplies during the 3.3V ramp period
defined by this waveform.
4. The VMON_3P3_MCU and VMON_3P3_SOC inputs are used to monitor supply voltage and shall be
connected to the respective 3.3V supply source.
5. VDDSHV_MCU and VDDSHVx [x=0-5] are dual voltage IO supplies which can be operated at 1.8V or 3.3V
depending on the application requirements. When any of the VDDSHV_MCU or VDDSHVx [x=0-5] IO
supplies are operating at 1.8V, they shall be ramped up with other 1.8V supplies during the 1.8V ramp period
defined by this waveform.
6. The VMON_1P8_MCU and VMON_1P8_SOC inputs are used to monitor supply voltage and shall be
connected to the respective 1.8V supply source.
7. VDDS_DDR and VDDS_DDR_C are expected to be powered by the same source such that they ramp
together.
8. VDD_CORE can be operated at 0.75V or 0.85V. When VDD_CORE is operating at 0.75V, it shall be ramped
up prior to all 0.85V supplies as shown in this waveform.
9. VDD_CORE can be operated at 0.75V or 0.85V. When VDD_CORE is operating at 0.85V, it shall be ramped
up with other 0.85V supplies during the 0.85V ramp period defined by this waveform.
10.VDD_CORE and VDDR_CORE are expected to be powered by the same source such that they ramp
together when VDD_CORE is operating at 0.85V.
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
www.ti.com
122
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com