Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 123 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 123 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 119Page - Texas Instruments AM6421 Datasheet HTML 120Page - Texas Instruments AM6421 Datasheet HTML 121Page - Texas Instruments AM6421 Datasheet HTML 122Page - Texas Instruments AM6421 Datasheet HTML 123Page - Texas Instruments AM6421 Datasheet HTML 124Page - Texas Instruments AM6421 Datasheet HTML 125Page - Texas Instruments AM6421 Datasheet HTML 126Page - Texas Instruments AM6421 Datasheet HTML 127Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 237 page
background image
11.VPP is the 1.8V eFuse programming supply, which shall be left floating (HiZ) or grounded during power-up/
down sequences and during normal device operation. This supply shall only be sourced while programming
eFuse.
7.10.2.3 Power-Down Sequencing
Figure 7-4 describes the device power-down sequencing.
AM64x_ELCH_02
MCU_PORz
MCU_OSC0_XI, MCU_OSC0_XO
VSYS
VMON_VSYS
VSYS, VMON_VSYS
VPP
VDDSHV_MCU , VDDSHV0 , VDDSHV1 , VDDSHV2 , VDDSHV3 ,
VDDSHV4 , VDDSHV5 , VDDA_3P3_SDIO, VDDA_USB0,
VMON_3P3_SOC, VMON_3P3_MCU
(1)
(1)
(1)
(1)
(1)
(1)
(1)
VDDS_OSC, VDDSHV_MCU , VDDSHV0 , VDDSHV1 , VDDSHV2 , VDDSHV3 ,
VDDSHV4 , VDDSHV5 , VDDA_MCU, VDDA_ADC0, VDDA_PLL0, VDDA_PLL1,
VDDA_PLL2, VDDA_1P8_SERDES0, VDDA_1P8_USB0, VMON_1P8_MCU,
VMON_1P8_SOC, VDDA_TEMP0, VDDA_TEMP1, VDDS_MMC0
(2)
(2)
(2)
(2)
(2)
(2)
(2)
VDDS_DDR, VDDS_DDR_C
VDD_CORE
(3)
VDD_CORE , VDDR_CORE, VDDA_0P85_SERDES0_C,
VDDA_0P85_SERDES0, VDDA_0P85_USB0,
VDD_DLL_MMC0, VDD_MCU0
(4)
Hi-Z
Figure 7-4. Power-Down Sequencing
1. VDDSHV_MCU and VDDSHVx [x=0-5] when operating at 3.3V.
2. VDDSHV_MCU and VDDSHVx [x=0-5] when operating at 1.8V.
3. VDD_CORE when operating at 0.75V.
4. VDD_CORE when operating at 0.85V.
7.10.3 System Timing
For more details about features and additional description information on the subsystem multiplexing signals,
see the corresponding sections within Section 6.3, Signal Descriptions and Section 8, Detailed Description.
Table 7-3. System Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
0.5
2 V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
3
30 pF
www.ti.com
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
123
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com