Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 207 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 207 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 203Page - Texas Instruments AM6421 Datasheet HTML 204Page - Texas Instruments AM6421 Datasheet HTML 205Page - Texas Instruments AM6421 Datasheet HTML 206Page - Texas Instruments AM6421 Datasheet HTML 207Page - Texas Instruments AM6421 Datasheet HTML 208Page - Texas Instruments AM6421 Datasheet HTML 209Page - Texas Instruments AM6421 Datasheet HTML 210Page - Texas Instruments AM6421 Datasheet HTML 211Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 237 page
background image
Table 7-124. JTAG Timing Conditions (continued)
PARAMETER
MIN
MAX
UNIT
CL
Output load capacitance
5
15
pF
Table 7-125. JTAG Timing Requirements
see Figure 7-110
NO.
MIN
MAX
UNIT
J1
tc(TCK)
Cycle time minimum, TCK
45.5
ns
J2
tw(TCKH)
Pulse width minimum, TCK high
18.2
ns
J3
tw(TCKL)
Pulse width minimum, TCK low
18.2
ns
J4
tsu(TDI-TCK)
Input setup time minimum, TDI valid to TCK high
4
ns
tsu(TMS-TCK)
Input setup time minimum, TMS valid to TCK high
4
ns
J5
th(TCK-TDI)
Input hold time minimum, TDI valid from TCK high
2
ns
th(TCK-TMS)
Input hold time minimum, TMS valid from TCK high
2
ns
Table 7-126. JTAG Switching Characteristics
see Figure 7-110
NO.
PARAMETER
MIN
MAX
UNIT
J6
td(TCKL-TDOI)
Delay time minimum, TCK low to TDO invalid
0
ns
J7
td(TCKL-TDOV)
Delay time maximum, TCK low to TDO valid
14
ns
TDO
J2
J1
J4
TCK
J5
TDI / TMS
J3
J6
J7
J4
J5
Figure 7-110. JTAG Timing Requirements and Switching Characteristics
www.ti.com
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
207
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com