Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 205 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 205 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 201Page - Texas Instruments AM6421 Datasheet HTML 202Page - Texas Instruments AM6421 Datasheet HTML 203Page - Texas Instruments AM6421 Datasheet HTML 204Page - Texas Instruments AM6421 Datasheet HTML 205Page - Texas Instruments AM6421 Datasheet HTML 206Page - Texas Instruments AM6421 Datasheet HTML 207Page - Texas Instruments AM6421 Datasheet HTML 208Page - Texas Instruments AM6421 Datasheet HTML 209Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 237 page
background image
Table 7-120. UART Timing Requirements (continued)
see Figure 7-108
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
5
tw(CTS)
Pulse width, receive start bit, high or low
0.95U
(1)
ns
(1)
U = UART baud time in ns = 1/programmed baud rate.
Table 7-121. UART Switching Characteristics
see Figure 7-108
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
f(baud)
Programmable baud rate
15 pF
TDB
Mbps
30 pF
0.115
Mbps
1
td(CTS-TX)
Delay time, CTS bit to transmit data
30
ns
2
tw(TX)
Pulse width, transmit data bit, high or low
U - 2.2
(1)
U + 2.2
(1)
ns
3
tw(RTS)
Pulse width, transmit start bit, high or low
U - 2.2
(1)
ns
(1)
U = UART baud time in ns = 1/programmed baud rate.
Figure 7-108. UART Timing Requirements and Switching Characteristics
For more information, see Universal Asynchronous Receiver/Transmitter (UART) section in Peripherals chapter
in the device TRM.
7.10.5.19 USB
The USB 2.0 subsystem is compliant with the Universal Serial Bus (USB) Specification, revision 2.0. Refer to the
specification for timing details.
The USB 3.1 GEN1 subsystem is compliant with the Universal Serial Bus (USB) 3.1 Specification, revision 1.0.
Refer to the specification for timing details.
For more details about features and additional description information on the device Universal Serial Bus
Subsystem (USB), see the corresponding sections within Section 6.3, Signal Descriptions and Section 8,
Detailed Description.
7.10.6 Emulation and Debug
For more details about features and additional description information on the device Trace and JTAG interfaces,
see the corresponding sections within Section 6.3, Signal Descriptions and Section 8, Detailed Description.
www.ti.com
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
205
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com