Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 219 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 219 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 215Page - Texas Instruments AM6421 Datasheet HTML 216Page - Texas Instruments AM6421 Datasheet HTML 217Page - Texas Instruments AM6421 Datasheet HTML 218Page - Texas Instruments AM6421 Datasheet HTML 219Page - Texas Instruments AM6421 Datasheet HTML 220Page - Texas Instruments AM6421 Datasheet HTML 221Page - Texas Instruments AM6421 Datasheet HTML 222Page - Texas Instruments AM6421 Datasheet HTML 223Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 237 page
background image
• Baud rate from 300 bps up to 3.6864 Mbps (subject to functional clock frequency)
• Auto-baud between 1200 bps and 115.2 Kbps
• Synchronous mode (USART) support with either external clock or generated clock
• Software/hardware flow control
– Programmable Xon/Xoff characters
– Programmable Auto-RTS and Auto CTS
• Programmable serial interface characteristics
– 5, 6, 7, or 8-bit characters
– Even, odd, mark (always 1), space (always 0), or no parity (non-parity bit frame) bit generation and
detection
– 1-, 1.5-, or 2-stop bit generation
• Optional multi-drop transmission
• Configurable time-guard feature
• False start bit detection
• Line break generation and detection
• Modem control functions (CTS, RTS, DSR, DTR, RI, and DCD)
• Fully prioritized interrupt system controls
• Internal test and loopback capabilities
• ISO7816 Functions
– Half duplex protocol using TX line in bidirectional mode
– Support for T+0 and T=1 protocols
• RS-485 External transceiver auto flow control support
For more information, see Universal Synchronous/Asynchronous Receiver/Transmitter (UART) section in
Peripherals chapter in the device TRM.
8.4.2.24 USB
The USB module supports the following main features:
USB interface:
• Compliant with USB 3.1 Gen1 specification
• Compliant with xHCI 1.1 specification
• Limited USB 2.0 on-the-go support
• SuperSpeed Gen1 (5 Gbps), high speed (480 Mbps), and full (12Mbps) Device
• SuperSpeed Gen1 (5 Gbps), high speed (480 Mbps), full (12Mbps), and low speed (1.5 Mbps) Host
• Single USB2.0 port
• Single USB3.1 port
Dual mode operation:
• OTG 2.0 host negotiation protocol (HNP) support
• OTG 2.0 session request support (SRP) support
Host mode:
• 64 slots supported
• Up to 128 periodic endpoints supported simultaneously
• 256 primary streams supported
• MSI support
• Root hub functionality
For more information, see Universal Serial Bus (USB) Subsystem section in Peripherals chapter in the device
TRM.
www.ti.com
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
219
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com