Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 218 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 218 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 214Page - Texas Instruments AM6421 Datasheet HTML 215Page - Texas Instruments AM6421 Datasheet HTML 216Page - Texas Instruments AM6421 Datasheet HTML 217Page - Texas Instruments AM6421 Datasheet HTML 218Page - Texas Instruments AM6421 Datasheet HTML 219Page - Texas Instruments AM6421 Datasheet HTML 220Page - Texas Instruments AM6421 Datasheet HTML 221Page - Texas Instruments AM6421 Datasheet HTML 222Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 237 page
background image
– L1 Power management substates support
– D1 support
– L1 PM substate power shutoff support
• Legacy, MSI, and MSI-X interrupt support
• 32 outbound address translation regions
• Precision time measurement (PTM)
For more information, see Peripheral Component Interconnect Express (PCIe) Subsystem section in Peripherals
chapter in the device TRM.
8.4.2.20 SerDes
Integrated in the MAIN domain is one instance of high-speed differential interface implemented with Serializer/
Deserializer (SERDES) Multi-protocol Multi-link modules with the following main blocks:
• Quad lane PHY with common module for peripheral and Tx clocking handling
• Physical coding sub-block for data translation from/to the parallel interface, as well as data encoding/
decoding and ymbol alignment
• MUX module for device interfaces multiplexing into a single SERDES lane (Tx and Rx)
• A wrapper for sending control and reporting status signals from the SerDes and muxes
For more information, see Serializer/Deserializer (SerDes) section in Peripherals chapter in the device TRM.
8.4.2.21 RTI
This section describes the Real Time Interrupt (RTI) modules with Windowed Watchdog Timer (WWDT)
functionality for the device.
The Real Time Interrupt module provides timer functionality for operating systems and for benchmarking code.
The module incorporates several counters, which define the timebases needed for scheduling in the operating
system.
This module is specifically designed to fulfill the requirements for OSEK (“Offene Systeme und deren
Schnittstellen für die Elektronik im Kraftfahrzeug”; “Open Systems and the Corresponding Interfaces for
Automotive Electronics”) as well as OSEK/Time compliant operating systems.
The timers also provide the ability to benchmark certain areas of code by reading the counter contents at the
beginning and the end of the desired code range and calculating the difference between the values.
For more information, see Real Time Interrupt (RTI) Module section in Peripherals chapter in the device TRM.
8.4.2.22 DMTIMER
The DMTIMER module supports the following main features:
• Interrupts generated on overflow, compare and capture
• Free running 32-bit upward counter
• Supported modes:
– Compare and capture modes
– Auto-reload mode
– Start-stop mode
• Programmable divider clock source (2n with n=[0:8])
• Dedicated input trigger for capture mode, and dedicated output trigger/PWM (pulse width modulation) signal
• On the fly read/write register (while counting)
• Generate 1-ms tick with 32768-Hz functional clock
For more information, see Timers section in Peripherals chapter in the device TRM.
8.4.2.23 UART
The UART module supports the following main features:
• 16C750 compatibility
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
www.ti.com
218
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com