Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 214 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 214 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 210Page - Texas Instruments AM6421 Datasheet HTML 211Page - Texas Instruments AM6421 Datasheet HTML 212Page - Texas Instruments AM6421 Datasheet HTML 213Page - Texas Instruments AM6421 Datasheet HTML 214Page - Texas Instruments AM6421 Datasheet HTML 215Page - Texas Instruments AM6421 Datasheet HTML 216Page - Texas Instruments AM6421 Datasheet HTML 217Page - Texas Instruments AM6421 Datasheet HTML 218Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 237 page
background image
For more information, see Enhanced Pulse Width Modulation (EPWM) Module section in Peripherals chapter in
the device TRM.
8.4.2.8 ELM
The Error Location Module (ELM) is used with the GPMC. Syndrome polynomials generated on-the-fly when
reading a NAND flash page and stored in GPMC registers are passed to the ELM. A host processor can then
correct the data block by flipping the bits to which the ELM error-location outputs point.
When reading from NAND flash memories, some level of error-correction is required. In the case of NAND
modules with no internal correction capability, sometimes referred to as bare NANDs, the correction process is
delegated to the memory controller. ELM can be also used to support parallel NOR flash or NAND flash.
The General-Purpose Memory Controller (GPMC) probes data read from an external NAND flash and uses this
to compute checksum-like information, called syndrome polynomials, on a per-block basis. Each syndrome
polynomial gives a status of the read operations for a full block, including 512 bytes of data, parity bits, and an
optional spare-area data field, with a maximum block size of 1023 bytes. Computation is based on a Bose-
Chaudhuri-Hocquenghem (BCH) algorithm. The ELM extracts error addresses from these syndrome
polynomials.
For more information, see Error Location Module (ELM) section in Peripherals chapter in the device TRM.
8.4.2.9 ESM
The Error Signaling Module (ESM) aggregates safety-related events and/or errors from throughout the device
into one location. It can signal both low and high priority interrupts to a processor to deal with a safety event
and/or manipulate an I/O error pin to signal an external hardware that an error has occurred. Therefore an
external controller is able to reset the device or keep the system in safe, known state.
For more information, see Error Signaling Module (ESM) section in Peripherals chapter in the device TRM.
8.4.2.10 EQEP
The Enhnanced Quadrature Encoder Pulse (EQEP) peripheral is used for direct interface with a linear or rotary
incremental encoder to get position, direction and speed information from a rotating machine for use in high
performance motion and position control system. The disk of an incremental encoder is patterned with a single
track of slots patterns. These slots create an alternating pattern of dark and light lines. The disk count is defined
as the number of dark/light line pairs that occur per revolution (lines per revolution). As a rule, a second track is
added to generate a signal that occurs once per revolution (index signal: QEPI), which can be used to indicate
an absolute position. Encoder manufacturers identify the index pulse using different terms such as index,
marker, home position and zero reference.
To derive direction information, the lines on the disk are read out by two different photo-elements that "look" at
the disk pattern with a mechanical shift of 1/4 the pitch of a line pair between them. This shift is realized with a
reticle or mask that restricts the view of the photo-element to the desired part of the disk lines. As the disk
rotates, the two photo-elements generate signals that are shifted 90 degrees out of phase from each other.
These are commonly called the quadrature QEPA and QEPB signals. The clockwise direction for most encoders
is defined as the QEPA channel going positive before the QEPB channel and vise versa.
The encoder wheel typically makes one revolution for every revolution of the motor or the wheel may be at a
geared rotation ratio with respect to the motor. Therefore, the frequency of the digital signal coming from the
QEPA and QEPB outputs varies proportionally with the velocity of the motor. For example, a 2000-line encoder
directly coupled to a motor running at 5000 revolutions per minute (rpm) results in a frequency of 166.6 KHz, so
by measuring the frequency of either the QEPA or QEPB output, the processor can determine the velocity of the
motor.
For more information, see Enhanced Quadrature Encoder Pulse (EQEP) Module section in Peripherals chapter
in the device TRM.
8.4.2.11 GPIO
The general-purpose input/output (GPIO) peripheral provides dedicated general-purpose pins that can be
configured as either inputs or outputs. When configured as an output, user can write to an internal register to
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
www.ti.com
214
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com