Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 213 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 213 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 209Page - Texas Instruments AM6421 Datasheet HTML 210Page - Texas Instruments AM6421 Datasheet HTML 211Page - Texas Instruments AM6421 Datasheet HTML 212Page - Texas Instruments AM6421 Datasheet HTML 213Page - Texas Instruments AM6421 Datasheet HTML 214Page - Texas Instruments AM6421 Datasheet HTML 215Page - Texas Instruments AM6421 Datasheet HTML 216Page - Texas Instruments AM6421 Datasheet HTML 217Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 237 page
background image
• The AASRC output rate divided by input rate must be between 1/16 and 16
• Sample rate must be between 8 kHz and 216 kHz
For more information, see Audio Asynchronous Sample Rate Converter (AASRC) section in Peripherals chapter
in the device TRM.
8.4.2.4 DCC
The Dual Clock Comparator (DCC) is used to determine the accuracy of a clock signal during the time execution
of an application. Specifically, the DCC is designed to detect drifts from the expected clock frequency. The
desired accuracy can be programed based on calculation for each application. The DCC measures the
frequency of a selectable clock source using another input clock as a reference.
The device has sixteen instances of DCC modules.
For more information, see Dual Clock Comparator (DCC) section in Peripherals chapter in the device TRM.
8.4.2.5 DDRSS
Integrated in MAIN domain one instance of DDR Subsystem (DDRSS) is used as an interface to external
SDRAM devices which can be utilized for storing program or data. DDRSS provides the following main features:
• • Support of DDR4 / LPDDR4 memory types
• • 16-bit memory bus interface with in-line ECC
• • Up to 2 GB memory address range
• • System bus interface: little endian only with 256-bit data width
• • Configuration bus Interface: little endian only with 32-bit data width
• • Support of dual rank configuration
• • Support of automatic idle power saving mode when no or low activity is detected
• • Class of Service (CoS) - three latency classes supported
• • Prioritized refresh scheduling
• • Statistical counters for performance management
For more information, see DDR Subsystem (DDRSS) section in Peripherals chapter in the device TRM.
8.4.2.6 ECAP
This section describes the Enhanced Capture (ECAP) module for the device.
For more information, see Enhanced Capture (ECAP) Module section in Peripherals chapter in the device TRM.
8.4.2.7 EPWM
An effective PWM peripheral must be able to generate complex pulse width waveforms with minimal CPU
overhead or intervention. It needs to be highly programmable and very flexible while being easy to understand
and use. The EPWM unit described here addresses these requirements by allocating all needed timing and
control resources on a per PWM channel basis. Cross coupling or sharing of resources has been avoided;
instead, the EPWM is built up from smaller single channel modules with separate resources and that can
operate together as required to form a system. This modular approach results in an orthogonal architecture and
provides a more transparent view of the peripheral structure, helping users to understand its operation quickly.
In the further description the letter x within a signal or module name is used to indicate a generic EPWM instance
on a device. For example, output signals EPWMxA and EPWMxB refer to the output signals from the EPWM_x
instance. Thus, EPWM1A and EPWM1B belong to EPWM1, EPWM2A and EPWM2B belong to EPWM2, and so
forth.
Additionally, the EPWM integration allows this synchronization scheme to be extended to the capture peripheral
modules (ECAP). The number of modules is device-dependent and based on target application needs. Modules
can also operate stand-alone.
The device has six instances of EPWM modules.
www.ti.com
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
213
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com