Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 212 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 212 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 208Page - Texas Instruments AM6421 Datasheet HTML 209Page - Texas Instruments AM6421 Datasheet HTML 210Page - Texas Instruments AM6421 Datasheet HTML 211Page - Texas Instruments AM6421 Datasheet HTML 212Page - Texas Instruments AM6421 Datasheet HTML 213Page - Texas Instruments AM6421 Datasheet HTML 214Page - Texas Instruments AM6421 Datasheet HTML 215Page - Texas Instruments AM6421 Datasheet HTML 216Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 237 page
background image
8.4.2 Peripherals
8.4.2.1 ADC
The analog-to-digital converter (ADC) module is an eight-channel general purpose analog-to-digital converter,
which supports 12-bit conversion samples from an analog front end (AFE).
There are two ADC modules in the device.
For more information, see Analog-to-Digital Converter (ADC) section in Peripherals chapter in the device TRM.
8.4.2.2 ATL
The ATL module supports the following features:
• One ATL module, containing four ATL instances, for HD Radio support and asynchronous sample rate
conversion assistance
• Each instance tracks the time error between two syncs (local audio word select [AWS] and baseband word
select [BWS])
• Each instance selects between 28 mux choices for BWS and 30 mux choices for AWS.
• Each instance generates modulated ATCLK clock signals with software-initiated pulse stealing. The intention
is to use these clocks to derive audio output bit clock on MCASP
• Selection between ATL_VCLK clock or functional ATL_PCLK to run error counting timers and to derive
modulated ATCLK clock outputs.
• Clock and reset management: Receives clock and reset signals from the device PSC module. The ATL
module receives hardware reset.
• Power management: The ATL belongs to the PD0 power domain.
• Local software reset
The ATL module not supports the following features:
• Smart ATL_CLK_STOP
• ATL_MOD_OUT[3:0] clock outputs
For more information, see Audio Tracking Logic (ATL) section in Peripherals chapter in the device TRM.
8.4.2.3 AASRC
The AASRC module supports the following main features:
• High performance Asynchronous Sample Rate Converter with 140dB Signal-to-Noise (SNR)
• Up to 8 input and output stereo streams (16 audio channels)
• 4 input and output clock zones
• Support for input and output audio sample rates from 8 kHz to 216 kHz
• Automatically sensing/detection of input sample frequencies
• Attenuation of sampling clock jitter
• 16-, 18-, 20-, 24-bit data input/output
• Input/output sampling ratios from 16:1 to 1:16
• 32-sample input and output FIFO for each channel with independently configurable thresholds
• Group mode, where multiple AASRC blocks use the same timing loop for input or output
• Linear phase FIR filter
• Controllable soft mute
• Separate DMA events for input and output, for each channel and group
• Interrupts for input, output, and error for channels and groups of channels
• Channels belonging in an input/output clock zone may be configured and managed as a group or as
individual streams
• Independent clock generator for each input and output clock zone
• Independent rate and stamp generator for each input and output clock zone
The AASRC module has the following main constraints:
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
www.ti.com
212
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com