Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 216 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 216 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 212Page - Texas Instruments AM6421 Datasheet HTML 213Page - Texas Instruments AM6421 Datasheet HTML 214Page - Texas Instruments AM6421 Datasheet HTML 215Page - Texas Instruments AM6421 Datasheet HTML 216Page - Texas Instruments AM6421 Datasheet HTML 217Page - Texas Instruments AM6421 Datasheet HTML 218Page - Texas Instruments AM6421 Datasheet HTML 219Page - Texas Instruments AM6421 Datasheet HTML 220Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 237 page
background image
• Supports OmniVision Serial Camera Control Bus Protocol (SCCB)
• Supports standard mode (up to 100K bits/s), fast mode (up to 400K bits/s), and high-speed mode (up to
3.4Mb/s).
• Multi-master transmitter and slave receiver mode
• Multi-master receiver and slave transmitter mode
• Combined master transmit/receive and receive/transmit modes
• 7-bit and 10-bit device addressing modes
• Built-in FIFO for buffered read or write
– Parameterizable size of 8 to 64 bytes
• Programmable multi-slave channel (responds to 4 separates addresses)
• Programmable clock generation
• Support for asynchronous wake-up
• Two DMA channels, one interrupt line
For more information, see Inter-Integrated Circuit (I2C) Interface section in Peripherals chapter in the device
TRM.
8.4.2.14 MCAN
The Controller Area Network (CAN) is a serial communications protocol which efficiently supports distributed
real-time control with a high level of security. CAN has high immunity to electrical interference and the ability to
self-diagnose and repair data errors. In a CAN network, many short messages are broadcast to the entire
network, which provides for data consistency in every node of the system.
The MCAN module supports both classic CAN and CAN FD (CAN with Flexible Data-Rate) specifications. CAN
FD feature allows high throughput and increased payload per data frame. The classic CAN and CAN FD devices
can coexist on the same network without any conflict.
The device supports 2 MCAN modules
For more information, see Modular Controller Area Network (MCAN) section in Peripherals chapter in the device
TRM.
8.4.2.15 MCRC Controller
VBUSM CRC controller is a module which is used to perform CRC (Cyclic Redundancy Check) to verify the
integrity of a memory system. A signature representing the contents of the memory is obtained when the
contents of the memory are read into MCRC Controller. The responsibility of MCRC controller is to calculate the
signature for a set of data and then compare the calculated signature value against a pre-determined good
signature value. MCRC controller provides four channels to perform CRC calculation on multiple memories in
parallel and can be used on any memory system. Channel 1 can also be put into data trace mode, where MCRC
controller compresses each data being read through CPU read data bus.
For more information, see MCRC Controller section in Interprocessor Communication chapter in the device
TRM.
8.4.2.16 MCSPI
The MCSPI module is a multichannel transmit/receive, master/slave synchronous serial bus.
There are total of seven MCSPI modules in the device.
For more information, see Multichannel Serial Peripheral Interface (MCSPI) section in Peripherals chapter in the
device TRM.
8.4.2.17 MMCSD
There are two Multi-Media Card/Secure Digital (MMCSD) modules inside the device - MMCSD0 and MMCSD1.
Each MMCSD module includes one MMCSD Host Controller, where MMCSD0 is associated with MMC0 and
MMCSD1 is associated with MMC1.
The MMCSD Host Controller supports:
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
www.ti.com
216
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com