Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN7431 Datasheet(PDF) 23 Page - Microchip Technology

Part # LAN7431
Description  Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7431 Datasheet(HTML) 23 Page - Microchip Technology

Back Button LAN7431 Datasheet HTML 19Page - Microchip Technology LAN7431 Datasheet HTML 20Page - Microchip Technology LAN7431 Datasheet HTML 21Page - Microchip Technology LAN7431 Datasheet HTML 22Page - Microchip Technology LAN7431 Datasheet HTML 23Page - Microchip Technology LAN7431 Datasheet HTML 24Page - Microchip Technology LAN7431 Datasheet HTML 25Page - Microchip Technology LAN7431 Datasheet HTML 26Page - Microchip Technology LAN7431 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 77 page
background image
 2018-2019 Microchip Technology Inc.
DS00002631D-page 23
LAN7430/LAN7431
Configuration Straps
MII Enable
Configuration
Strap
MII_EN
VIS
(PD)
(LAN7431 only)
When pulled high, the port operates in MII mode. When
pulled low or floated, the port operates in RGMII mode.
See Section 3.4, "Configuration Straps" for additional
information.
Note:
The internal pull-down is disabled once the
strap is latched.
Note:
If an external pull-up is used, it should be
connected to VDDVARIO_B.
Advance Power
Management Dis-
able
Configuration
Strap
ADV_PM_DISABLE
VIS
(PD)
When pulled high, the following bits default low. When
pulled low or floated, the register bits default high.
• Clock Power Management in Link Capabilities
• L1 PM Substates Supported in L1 PM Substates
Capabilities
• ASPM L1.1 Supported in L1 PM Substates Capabili-
ties
• ASPM L1.2 Supported in L1 PM Substates Capabili-
ties
• PCI-PM L1.1 Supported in L1 PM Substates Capa-
bilities
• PCI-PM L1.2 Supported in L1 PM Substates Capa-
bilities
Note:
Regardless of the strap default, the bits may be
loaded from OTP or EEPROM. The default is
used in the absence of a programmed OTP or
EEPROM.
Note:
The internal pull-down is disabled once the
strap is latched.
Note:
If an external pull-up is used, it should be
connected to VDDVARIO.
Power / Ground
Ethernet PHY
+1.2V Analog
Power Supply
AVDD12
P
1.2V power for PLL/DLL
Ethernet PHY
+2.5V / 3.3V Ana-
log Power Supply
AVDDH_1
P
2.5V or 3.3V power for analog IO
LAN7430 only
This pin provides power for Gigabit PHY transmitter,
bandgap reference, and crystal oscillator amplifier.
LAN7431 only
This pin provides power for bandgap reference and crys-
tal oscillator amplifier.
Ethernet PHY
+2.5V / 3.3V Ana-
log Power Supply
AVDDH_2
P
2.5V or 3.3V power for analog IO
(LAN7430 only)
This pin provides power for Gigabit PHY transmitter.
TABLE 3-3:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com