Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN7431 Datasheet(PDF) 28 Page - Microchip Technology

Part # LAN7431
Description  Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7431 Datasheet(HTML) 28 Page - Microchip Technology

Back Button LAN7431 Datasheet HTML 24Page - Microchip Technology LAN7431 Datasheet HTML 25Page - Microchip Technology LAN7431 Datasheet HTML 26Page - Microchip Technology LAN7431 Datasheet HTML 27Page - Microchip Technology LAN7431 Datasheet HTML 28Page - Microchip Technology LAN7431 Datasheet HTML 29Page - Microchip Technology LAN7431 Datasheet HTML 30Page - Microchip Technology LAN7431 Datasheet HTML 31Page - Microchip Technology LAN7431 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 77 page
background image
LAN7430/LAN7431
DS00002631D-page 28
 2018-2019 Microchip Technology Inc.
4.2
LAN7431 Power Connectivity
The following diagram illustrates the power connectivity for LAN7431 with on-chip regulators enabled and disabled.
FIGURE 4-3:
LAN7431 POWER CONNECTIVITY ON-CHIP REGULATORS ENABLED
+1.8 V to
+3.3 V
VDD12CORE
Core Logic &
Ethernet PHY
digital
Ethernet PHY
Analog
1.0 µF
<1
 ESR
VSS
VDD12_SW_OUT
AVDD12
Ethernet PHY
Bandgap and Osc
IO Pads
Note: Bypass and bulk caps as needed for PCB.
Ferrites on AVDDL and AVDD12 may be combined.
VDDVARIO
(7 pins)
+3.3 V
(1 pin)
(3 pins)
(1 pin)
(1 pin)
Ethernet PHY PLL
(exposed pad)
VDD25_REG_OUT
(1 pin)
VDD12_SW_FB
VDD_REG_IN
(1 pin)
3.3 / 1.2 OTP
VDD_OTP
(1 pin)
(1 pin)
AVDDH
AVDDL
PCIe PHY
VP
(1 pin)
VPTX
(1 pin)
VPH
(1 pin)
3.3 uH
10 µF
<0.05
ESR
0.1uF
+3.3 V
optional 3.3V
PHY
operation
+1.8 V to
+3.3 V
VDD_SW_IN
(1 pin)
IN
OUT
Internal 1.2 V
Switching Regulator
FEEDBACK
REF
(1 pin)
IN
OUT
Internal 2.5 V LDO
Regulator
ENABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com